Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM34902 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM34902
Description  300mA Current Limited Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM34902 Datasheet(HTML) 1 Page - Texas Instruments

  LM34902_15 Datasheet HTML 1Page - Texas Instruments LM34902_15 Datasheet HTML 2Page - Texas Instruments LM34902_15 Datasheet HTML 3Page - Texas Instruments LM34902_15 Datasheet HTML 4Page - Texas Instruments LM34902_15 Datasheet HTML 5Page - Texas Instruments LM34902_15 Datasheet HTML 6Page - Texas Instruments LM34902_15 Datasheet HTML 7Page - Texas Instruments LM34902_15 Datasheet HTML 8Page - Texas Instruments LM34902_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ENABLE
ACC_PWR
GND
VCC
POK
ACC_DET
A1
B1
C1
A2
B2
C2
PC
Accessory
Device
220k
1M
Accessory
Detection
VCC Main: 2.8V to 5.3V
1.8V
VIN
220k
LM34902
www.ti.com
SNVS804B – MAY 2012 – REVISED APRIL 2013
300mA Current Limited Power Switch
Check for Samples: LM34902
1
FEATURES
DESCRIPTION
The LM34902 is a 0.3A PFET switch used to control
2
Input Voltage of 2.8V to 5.3V
the input voltage of electronic devices. It is easily
0.3A Maximum Switch Current
integrated into system designs that have a 2.8V to
0.64
Ω Typical Total On-Resistance
5.3V voltage rail. Besides the 0.45
Ω PFET switch, the
LM34902 can be enabled or disabled by a logic
Load Detection
signal.
The
IC
monitors
the
presence
of
a
Enable/Disable
downstream electronic device via a dedicated pin to
Switch On Indicator
decide whether to turn on the PFET switch. A power
good signal generated by the IC can be used by
Peak Current Limit
system control to determine the status of the switch.
Thermal Shutdown
The LM34902 also provides over-current and over-
6-Bump Thin DSBGA Package
temperature protection. The IC comes in a tiny 6-
bump Thin DSBGA package.
APPLICATIONS
Handsets, Tablets, Notebooks
Portable devices
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM34902_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34902ITM/NOPB TI1-LM34902ITM/NOPB Datasheet
306Kb / 9P
[Old version datasheet]   300mA Current Limited Power Switch
LM34902ITMX/NOPB TI1-LM34902ITMX/NOPB Datasheet
306Kb / 9P
[Old version datasheet]   300mA Current Limited Power Switch
More results

Similar Description - LM34902_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34902 TI1-LM34902 Datasheet
306Kb / 9P
[Old version datasheet]   300mA Current Limited Power Switch
LM34904 TI1-LM34904 Datasheet
208Kb / 9P
[Old version datasheet]   500mA Current Limited Power Switch
TPS2041B-EP TI1-TPS2041B-EP Datasheet
792Kb / 25P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2066-Q1 TI1-TPS2066-Q1 Datasheet
851Kb / 24P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCH
TPS2068-Q1 TI1-TPS2068-Q1 Datasheet
762Kb / 24P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
NXP Semiconductors
NX5P2553 PHILIPS-NX5P2553_15 Datasheet
1Mb / 24P
   Precision adjustable current-limited power switch
Rev. 1-6 July 2015
logo
Pericom Semiconductor C...
PI5PD2556 PERICOM-PI5PD2556 Datasheet
897Kb / 12P
   Precision Adjustable Current -Limited Power Switch
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
AiT Semiconductor Inc.
A4788 AITSEMI-A4788 Datasheet
1Mb / 15P
   POWER SWITCH 1.1A_2.1A_2.6A CURRENT LIMITED W/FLAG POWER SWITCH
REV1.0 - MAR 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com