Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3424-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3424-Q1
Description  Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3424-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3424-Q1 Datasheet HTML 2Page - Texas Instruments LM3424-Q1 Datasheet HTML 3Page - Texas Instruments LM3424-Q1 Datasheet HTML 4Page - Texas Instruments LM3424-Q1 Datasheet HTML 5Page - Texas Instruments LM3424-Q1 Datasheet HTML 6Page - Texas Instruments LM3424-Q1 Datasheet HTML 7Page - Texas Instruments LM3424-Q1 Datasheet HTML 8Page - Texas Instruments LM3424-Q1 Datasheet HTML 9Page - Texas Instruments LM3424-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
LM3424, LM3424-Q1
SNVS603C – AUGUST 2009 – REVISED AUGUST 2015
www.ti.com
6.6 Electrical Characteristics
MIN and MAX limits apply over the full Operating Temperature Range (TA = TJ = −40°C to 125°C) unless otherwise specified.
Minimum and Maximum limits are ensured through test, design, or statistical correlation. Unless otherwise stated the following
condition applies: TJ = 25°C, VIN = 14 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
STARTUP REGULATOR (VCC)
VCC-REG
VCC Regulation
ICC = 0 mA
6.3
6.9
7.35
V
ICC-LIM
VCC Current Limit
VCC = 0 V
20
25
mA
IQ
Quiescent Current
EN = 3 V, Static
2
3
mA
ISD
Shutdown Current
EN = 0 V, MAX: TJ = 25°C
0.1
1
µA
VCC-UVLO
VCC UVLO Threshold
VCC Increasing
4.17
4.50
V
VCC Decreasing
3.7
4.08
V
VCC-HYS
VCC UVLO Hysteresis
0.1
V
ENABLE (EN)
VEN-ST
EN Startup Threshold
EN Increasing
1.75
2.4
V
EN decreasing
0.8
1.63
V
VEN-HYS
EN Startup Hysteresis
0.1
V
REN
EN Pull-down Resistance
0.45
0.82
1.30
M
OVER-VOLTAGE PROTECTION (OVP)
VTH-OVP
OVP OVLO Threshold
OVP Increasing
1.185
1.24
1.285
V
IHYS-OVP
OVP Hysteresis Source Current
OVP Active (high)
13
20
27
µA
ERROR AMPLIFIER
VCSH
CSH Reference Voltage
With Respect to GND
1.21
1.235
1.26
V
Error Amplifier Input Bias Current
MIN, MAX: TJ = 25°C
–0.6
0
0.6
µA
COMP Sink / Source Current
17
26
35
µA
Transconductance
100
µA/V
Linear Input Range
See(3)
±125
mV
Transconductance Bandwidth
–6-dB Unloaded Response(3)
1
MHz
OSCILLATOR (RT)
fSW
Switching Frequency
RT = 36 kΩ
164
207
250
kHz
RT = 12 kΩ
525
597
669
kHz
VRT-SYNC
Sync Threshold
3.5
V
PWM COMPARATOR
VCP-BASE
COMP to PWM Offset - No Slope
750
900
1050
mV
Compensation
SLOPE COMPENSATION (SLOPE)
ΔVCP
Slope Compensation Amplitude
Additional COMP to PWM Offset
85
mV
- SLOPE sinking 100 µA
CURRENT LIMIT (IS)
VLIM
Current Limit Threshold
215
245
275
mV
VLIM Delay to Output
35
75
ns
tON-MIN
Leading Edge Blanking Time
140
240
340
ns
HIGH SIDE TRANSCONDUCTANCE AMPLIFIER
Input Bias Current
10
µA
Transconductance
20
mA/V
Input Offset Current
–1.5
0
1.5
µA
Input Offset Voltage
–5
0
5
mV
(1)
All limits ensured at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
These electrical parameters are ensured by design, and are not verified by test.
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM3424 LM3424-Q1


Similar Part No. - LM3424-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424 Datasheet
1Mb / 62P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424MH NSC-LM3424MH Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424MH NSC-LM3424MH Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
More results

Similar Description - LM3424-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424_14 Datasheet
1Mb / 62P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com