Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2411P Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2411P
Description  Silicon Serial Number with VCC Input
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2411P Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2411P Datasheet HTML 1Page - Dallas Semiconductor DS2411P Datasheet HTML 2Page - Dallas Semiconductor DS2411P Datasheet HTML 3Page - Dallas Semiconductor DS2411P Datasheet HTML 4Page - Dallas Semiconductor DS2411P Datasheet HTML 5Page - Dallas Semiconductor DS2411P Datasheet HTML 6Page - Dallas Semiconductor DS2411P Datasheet HTML 7Page - Dallas Semiconductor DS2411P Datasheet HTML 8Page - Dallas Semiconductor DS2411P Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DS2411
2 of 11
ABSOLUTE MAXIMUM RATINGS*
I/O Voltage to GND
-0.5V to +6V
VCC Voltage to GND
-0.5V to +6V
I/O, VCC Current
±20mA
Operating Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-
020A Specification
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS (VCC = 1.5V to 5.25V; TA = -40
°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX UNITS
Operating Temperature
TA
(Note 1)
-40
+85
°C
Supply Voltage
VCC
(Note 1)
1.5
5.25
V
1-Wire Pullup
VCC = VPUP (Note 1)
1.5
5.25
V
I/O PIN GENERAL DATA
1-Wire Pullup Resistance
RPUP
(Notes 1, 2)
0.3
2.2
k
W
Power-Up Delay
tPWRP
VCC stable to first
1-Wire command (Notes 1, 3)
1200
µs
Input Capacitance
CIO
(Note 3)
100
pF
Input Load Current
IL
0V ≤ V(I/O) ≤ VCC
-1
+1
µA
Standby Supply Current
ICCS
V(I/O) ≤ VIL, or V(I/O) ≥ VIH
1
µA
Active Supply Current
ICCA
100
µA
High-to-Low Switching
Threshold
VTL
(Notes 3, 4, 5)
0.4
3.2
V
Input Low Voltage
VIL
(Note 1)
0.30
V
Input High Voltage
VIH
(Note 1)
VCC -
0.3
V
Low-to-High Switching
Threshold
VTH
(Notes 3, 4, 6)
0.75
3.4
V
Switching Hysteresis
VHY
(Notes 3, 7)
0.18
V
Output Low Voltage at 4mA
VOL
(Note 8)
0.4
V
Standard speed (Note 9, 3)
1.25
5
Rising Edge Holdoff
tREH
Overdrive speed (Note 9, 3)
0.5
2
µs
Standard speed,
RPUP = 2.2k
W (Note 1)
5
Overdrive speed,
RPUP = 2.2k
W (Note 1)
2
Recovery Time
tREC
Overdrive speed, directly prior to
reset pulse; RPUP = 2.2k
W (Note 1)
5
µs
Standard speed
65
Overdrive VCC ≥ 2.2V
8
Timeslot Duration
tSLOT
Overdrive VCC ≥ 1.5V
10
µs


Similar Part No. - DS2411P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2411P++ MAXIM-DS2411P+ Datasheet
1Mb / 9P
   Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
More results

Similar Description - DS2411P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2411 MAXIM-DS2411 Datasheet
527Kb / 12P
   Silicon Serial Number with Vcc Input
Rev 11/11
logo
Dallas Semiconductor
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
   Silicon Serial Number
logo
Maxim Integrated Produc...
DS28CM00 MAXIM-DS28CM00 Datasheet
92Kb / 9P
   I짼C/SMBus Silicon Serial Number
REV: 072406
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
   Serial Number iButton
Rev 4; 8/10
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
   Serial Number iButton
Rev: 10/08
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
   Serial Number iButton
Rev 4; 8/10
logo
Dallas Semiconductor
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
   Serial Number iButton
logo
Microchip Technology
24AA02UID MICROCHIP-24AA02UID Datasheet
631Kb / 30P
   2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
2013
logo
List of Unclassifed Man...
S24VP04 ETC1-S24VP04 Datasheet
67Kb / 12P
   4K Serial E2PROM with a Precision Low-VCC Lockout Circuit
logo
Microchip Technology
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
   2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com