Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS539EUA Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # SS539EUA
Description  Bipolar Hall-Effect Position Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS539EUA Datasheet(HTML) 4 Page - SEC Electronics Inc.

  SS539EUA Datasheet HTML 1Page - SEC Electronics Inc. SS539EUA Datasheet HTML 2Page - SEC Electronics Inc. SS539EUA Datasheet HTML 3Page - SEC Electronics Inc. SS539EUA Datasheet HTML 4Page - SEC Electronics Inc. SS539EUA Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SS539
Bipolar Hall-Effect Position Sensor
4
V3.10
Nov 1, 2013
Application Information
Package Information
Package UA, 3-Pin SIP:
4.0 ± 0.01
1
2
3
1.27
2.13
1.87
1.00
1.20
45° ± 1°
3° ± 1°
0.44± 0.01
0.05 ± 0.05
0.84(Nom)
3° ± 1°
6° ± 1°
6° ± 1°
3° ± 1°
Active Area Depth:
Sensor Location
1
2
3
Notes:
1). Controlling dimension : mm ;
2). Leads must be free of flash and plating voids ;
3). Do not bend leads within 1 mm of lead to package
interface ;
4). PINOUT:
Pin 1
VDD
Pin 2
GND
Pin 3
Output
0.39± 0.01
0.38 ± 0.01
2.54


Similar Part No. - SS539EUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS539EUA SECELECTRONICS-SS539EUA Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
More results

Similar Description - SS539EUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
   Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
   BIPOLAR HALL EFFECT POSITION SENSOR
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
   Bipolar Hall-Effect Digital Position Sensor ICs
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
   BIPOLAR HALL-EFFECT POSITION SENSORS
logo
Diodes Incorporated
AH41 DIODES-AH41 Datasheet
356Kb / 10P
   BIPOLAR HALL-EFFECT POSITION SENSORS
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
   Bipolar Hall-effect Magnetic Position Sensors
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
   Position Programmable Linear Hall Effect Sensor
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
   Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
logo
TT Electronics.
8150 TTELEC-8150 Datasheet
525Kb / 5P
   Hall Effect, Non-Contacting Position Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com