Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS495EUA Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS495EUA
Description  Linear Hall Effect Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS495EUA Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS495EUA Datasheet HTML 1Page - SEC Electronics Inc. SS495EUA Datasheet HTML 2Page - SEC Electronics Inc. SS495EUA Datasheet HTML 3Page - SEC Electronics Inc. SS495EUA Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SS495
Linear Hall Effect Sensor
3
V3.10
Nov 1, 2013
Electrical Characteristics
Operation parameters TA =25°C,VCC =5.0V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Voltage
VCC
Operating
4.5
5
10.5
V
Supply Current
ICC
Average
5
8.0
mA
Output Current
IOUT
1.0
1.5
mA
Response Time
Tack
3
uS
Quiescent Output Voltage
Vo
B = 0G
2.5
V
Sensitivity
△V
out
TA= 25°C
3.0
3.3
3.6
mV/G
Min Output Voltage
B = -700G
0.2
V
Max Output Voltage
B = 700G
4.8
V
Magnetic Field Characteristics
Parameter
Test Conditions
Min
Typ
Max
Units
Sensitivity
TA= 25°C
3.0
3.3
3.6
mV/G
Range of magnetic field strength
±650
±700
G
Linearity
﹣1.0
Operating Temperature
-40
+150
°C
Zero drift
﹣0.10
0.10
%/°C
Sensitivity temperature drift
TA
≥ 25°C
﹣0.15
0.05
%/°C
TA< 25°C
﹣0.04
0.185
%/°C
Installation Caution:
1.
Should be installed by minimizing the mechanical stress on the Hall circuit;
2.
On the conditions of ensuring the quality of the welding, the welding temperature and time should
be reduced as far as possible.


Similar Part No. - SS495EUA

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS4954 SENSITRON-SS4954 Datasheet
105Kb / 3P
   Zener 5W Voltage Regulator
logo
Honeywell Solid State E...
SS495A HONEYWELL-SS495A Datasheet
550Kb / 4P
   Solid State Sensors Miniature Ratiometric Linear
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
   MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
SS495A1 HONEYWELL-SS495A1 Datasheet
550Kb / 4P
   Solid State Sensors Miniature Ratiometric Linear
logo
Honeywell Accelerometer...
SS495A1-L HONEYWELL-ACC-SS495A1-L Datasheet
653Kb / 5P
   Interactive Catalog Replaces Catalog Pages
More results

Similar Description - SS495EUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
   Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
   Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
   LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
   Linear Hall Effect Sensor
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242 Datasheet
209Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS1302 SECELECTRONICS-SS1302 Datasheet
103Kb / 4P
   Linear Hall Effect Sensor
SS1302 SECELECTRONICS-SS1302_13 Datasheet
141Kb / 4P
   Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90242 MELEXIS-MLX90242_12 Datasheet
222Kb / 10P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com