Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD204 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD204
Description  MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD204 Datasheet(HTML) 4 Page - Texas Instruments

  SN65MLVD204 Datasheet HTML 1Page - Texas Instruments SN65MLVD204 Datasheet HTML 2Page - Texas Instruments SN65MLVD204 Datasheet HTML 3Page - Texas Instruments SN65MLVD204 Datasheet HTML 4Page - Texas Instruments SN65MLVD204 Datasheet HTML 5Page - Texas Instruments SN65MLVD204 Datasheet HTML 6Page - Texas Instruments SN65MLVD204 Datasheet HTML 7Page - Texas Instruments SN65MLVD204 Datasheet HTML 8Page - Texas Instruments SN65MLVD204 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SN65MLVD200, SN65MLVD202
SN65MLVD204, SN65MLVD205
MULTIPOINT–LVDS LINE DRIVERS AND RECEIVERS
SLLS463E – SEPTEMBER 2001 – REVISED JUNE 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
–0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range: D, DE, RE
–0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
A, B (200, 204)
–1.8 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
A, B (202, 205)
–4 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range:
R
–0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Y, Z, A, or B
–1.8 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: Human body model (see Note 2)
A, B, Y, or Z
±3 kV
. . . . . . . . . . . . . . . . . . . . . .
All pins
±2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . .
Charged-device model (see Note 3) All pins
±500 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
(see Dissipation Rating table)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
2. Tested in accordance with JEDEC Standard 22, Test Method A114-A.
3. Tested in accordance with JEDEC Standard 22, Test Method C101.
DISSIPATION RATING
PACKAGE
TA ≤ 25°C
POWER RATING
OPERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
D(8)
725 mW
5.8 mW/
°C
377 mW
D(14)
950 mW
7.6 mW/
°C
494 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
0
0.8
V
Magnitude of differential input voltage,
 VID
0.05
VCC
V
Voltage at any bus terminal, VA, VY, VZ, or VB
–1.4
3.8
V
Common-mode input voltage VCM, (VA + VB)/2
–1
3.4
V
Receiver load capacitance, CL
5
15
pF
Operating free-air temperature, TA
–40
85
°C


Similar Part No. - SN65MLVD204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD204 TI-SN65MLVD204 Datasheet
336Kb / 23P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
SN65MLVD204A TI-SN65MLVD204A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD204A TI-SN65MLVD204A Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD204AD TI-SN65MLVD204AD Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD204AD TI-SN65MLVD204AD Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SN65MLVD204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD200 TI-SN65MLVD200 Datasheet
336Kb / 23P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
SN65MLVD200B TI1-SN65MLVD200B Datasheet
177Kb / 7P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers With IEC ESD Protection
SN65MLVD206B TI1-SN65MLVD206B Datasheet
1Mb / 36P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
logo
Unisonic Technologies
UT3238 UTC-UT3238 Datasheet
203Kb / 10P
   LINE DRIVERS/RECEIVERS
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com