Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC04ADG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC04ADG4
Description  HEX INVERTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC04ADG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC04ADG4 Datasheet HTML 1Page - Texas Instruments SN74LVC04ADG4 Datasheet HTML 2Page - Texas Instruments SN74LVC04ADG4 Datasheet HTML 3Page - Texas Instruments SN74LVC04ADG4 Datasheet HTML 4Page - Texas Instruments SN74LVC04ADG4 Datasheet HTML 5Page - Texas Instruments SN74LVC04ADG4 Datasheet HTML 6Page - Texas Instruments SN74LVC04ADG4 Datasheet HTML 7Page - Texas Instruments SN74LVC04ADG4 Datasheet HTML 8Page - Texas Instruments SN74LVC04ADG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54LVC04A . . . J OR W PACKAGE
SN74LVC04A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
3
2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LVC04A . . . FK PACKAGE
(TOP VIEW)
NC - No internal connection
SN74LVC04A . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
SN54LVC04A, SN74LVC04A
www.ti.com
SCAS281S – JANUARY 1993 – REVISED OCTOBER 2010
HEX INVERTERS
Check for Samples: SN54LVC04A, SN74LVC04A
1
FEATURES
Operate From 1.65 V to 3.6 V
Latch-Up Performance Exceeds 250 mA Per
JESD 17
Specified From –40°C to 85°C,
–40°C to 125°C, and –55°C to 125°C
ESD Protection Exceeds JESD 22
Inputs Accept Voltages to 5.5 V
2000-V Human-Body Model (A114-A)
Max tpd of 4.5 ns at 3.3 V
200-V Machine Model (A115-A)
Typical VOLP (Output Ground Bounce)
1000-V Charged-Device Model (C101)
<0.8 V at VCC = 3.3 V, TA = 25°C
xxxx
xxxx
Typical VOHV (Output VOH Undershoot)
xxxx
>2 V at VCC = 3.3 V, TA = 25°C
DESCRIPTION/ORDERING INFORMATION
The SN54LVC04A hex inverter contains six independent inverters designed for 2.7-V to 3.6-V VCC operation, and
the SN74LVC04A hex inverter contains six independent inverters designed for 1.65-V to 3.6-V VCC operation.
The 'LVC04A devices perform the Boolean function Y = A.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LVC04ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC04ADGVR TI-SN74LVC04ADGVR Datasheet
546Kb / 19P
[Old version datasheet]   HEX INVERTERS
SN74LVC04ADGVR TI-SN74LVC04ADGVR Datasheet
834Kb / 21P
[Old version datasheet]   HEX INVERTERS
SN74LVC04ADGVRE4 TI-SN74LVC04ADGVRE4 Datasheet
546Kb / 19P
[Old version datasheet]   HEX INVERTERS
SN74LVC04ADGVRE4 TI-SN74LVC04ADGVRE4 Datasheet
834Kb / 21P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74LVC04ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com