Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT348PWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT348PWR
Description  QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT348PWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDT348PWR Datasheet HTML 7Page - Texas Instruments SN65LVDT348PWR Datasheet HTML 8Page - Texas Instruments SN65LVDT348PWR Datasheet HTML 9Page - Texas Instruments SN65LVDT348PWR Datasheet HTML 10Page - Texas Instruments SN65LVDT348PWR Datasheet HTML 11Page - Texas Instruments SN65LVDT348PWR Datasheet HTML 12Page - Texas Instruments SN65LVDT348PWR Datasheet HTML 13Page - Texas Instruments SN65LVDT348PWR Datasheet HTML 14Page - Texas Instruments SN65LVDT348PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
_
+
VO
10 pF
500
Y
B
A
1.2 V
EN
Inputs
VTEST
tPZL
tPZH
tPHZ
2 V
1.4 V
0.8 V
1 V
2.5 V
2.5 V
1.4 V
VOL +0.5 V
VOL
0 V
1.4 V
2 V
1.4 V
0.8 V
VOH
VOH –0.5 V
1.4 V
0 V
VTEST
A
EN
VO
VTEST
A
EN
VO
tPLZ
SN65LVDS348 , SN65LVDT348
SN65LVDS352, SN65LVDT352
SLLS523E – FEBRUARY 2002 – REVISED MAY 2004
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, signaling rate = 500
kHz, duty cycle = 50 ±2 %, CL includes instrumentation and fixture capacitance within 0,06 mm of the D.U.T and is
±20%.
Figure 5. 352 Enable/Disable Time Test Circuit and Waveforms
11
Submit Documentation Feedback


Similar Part No. - SN65LVDT348PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT348PW TI-SN65LVDT348PW Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDT348PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com