Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS348PW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS348PW
Description  QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS348PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVDS348PW Datasheet HTML 4Page - Texas Instruments SN65LVDS348PW Datasheet HTML 5Page - Texas Instruments SN65LVDS348PW Datasheet HTML 6Page - Texas Instruments SN65LVDS348PW Datasheet HTML 7Page - Texas Instruments SN65LVDS348PW Datasheet HTML 8Page - Texas Instruments SN65LVDS348PW Datasheet HTML 9Page - Texas Instruments SN65LVDS348PW Datasheet HTML 10Page - Texas Instruments SN65LVDS348PW Datasheet HTML 11Page - Texas Instruments SN65LVDS348PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
VID
VO
10 pF
10 pF
10 pF
100
1000
1000
100
VIC
V2
+
+
V1
+
VITH1
VID
0 V
–100 mV
100 mV
0 V
VITH2
VO
VID
VO
SN65LVDS348 , SN65LVDT348
SN65LVDS352, SN65LVDT352
SLLS523E – FEBRUARY 2002 – REVISED MAY 2004
PARAMETER MEASUREMENT INFORMATION (continued)
A.
Remove for testing LVDT device.
B.
Input signal of 3 MHz, duty cycle of 50±0.2%, and transition time of < 1ns.
C.
Fixture capacitance ±20%.
D.
Resistors are metal film, 1% tolerance, and surface mount
Figure 2. VITH1 and VITH2, Input Voltage Threshold Test Circuit and Definitions
Table 1. Receiver Minimum and Maximum Failsafe Input Voltage
FAILSAFE THRESHOLD TEST VOLTAGES
APPLIED VOLTAGES(1)
RESULTANT INPUTS
Output
VIA (mV)
VIB (mV)
VID (mV)
VIC (mV)
-4000
-3900
-100
-3950
L
-4000
-3968
-32
-3984
H
4900
5000
-100
4950
L
4968
5000
-32
4984
H
(1)
Voltage applied for greater than 1.5 µs.
8
Submit Documentation Feedback


Similar Part No. - SN65LVDS348PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS348PW TI-SN65LVDS348PW Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDS348PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com