Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS348D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS348D
Description  QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS348D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS348D Datasheet HTML 2Page - Texas Instruments SN65LVDS348D Datasheet HTML 3Page - Texas Instruments SN65LVDS348D Datasheet HTML 4Page - Texas Instruments SN65LVDS348D Datasheet HTML 5Page - Texas Instruments SN65LVDS348D Datasheet HTML 6Page - Texas Instruments SN65LVDS348D Datasheet HTML 7Page - Texas Instruments SN65LVDS348D Datasheet HTML 8Page - Texas Instruments SN65LVDS348D Datasheet HTML 9Page - Texas Instruments SN65LVDS348D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN65LVDS348 , SN65LVDT348
SN65LVDS352, SN65LVDT352
SLLS523E – FEBRUARY 2002 – REVISED MAY 2004
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Positive-going differential input voltage
VITH1
50
threshold
See Figure 1 and Figure 2
mV
Negative-going differential input voltage
VITH2
-50
threshold
VITH3
Differential input failsafe voltage threshold
See Figure 1 and Table 1
-32
-100
mV
VID(HY
Differential input voltage hysteresis,
50
mV
S)
VITH1 - VITH2
VOH
High-level output voltage
IOH = -4 mA
2.4
V
VOL
Low-level output voltage
IOL = 4 mA
0.4
V
Enabled, EN at VCC,
EN at 0 V, No load
16
20
LVDS348,
mA
LVDT348
Disabled, EN at 0 or EN at VCC
1.1
4
ICC
Supply current
Enabled, EN at VCC,
No load
16
20
LVDS352,
mA
LVDT352
Disabled, EN at 0
1.1
4
VI = -4 V,
Other input open
-75
0
LVDS348,
0 V
≤ V
I ≤ 2.4 V,
Other input 1.2 V
-20
0
µA
LVDS352
VI = 5 V,
Other input open
0
40
Input current (RIN+, RIN-, A or B
II
inputs)
VI = -4 V,
Other input open
-150
0
LVDT348,
0 V
≤ V
I ≤ 2.4 V,
Other input open
-40
0
µA
LVDT352
VI = 5 V,
Other input open
0
80
VCC = 1.5 V, VI = -4 V or 5 V, Other input open
-50
50
LVDS348,
µA
VCC = 1.5 V, 0 V ≤ VI≤ 2.4 V, Other input
LVDS352
-20
20
at 1.2 V
Power-off input current (RIN+,
II(OFF)
RIN-, A or B inputs)
VCC = 1.5 V, VI = -4 V or 5 V, Other input open
-100
100
LVDT348,
µA
VCC = 1.5 V, VI = 0 V or 2.4 V, Other input
LVDT352
-40
40
open
Differential input current
LVDS348,
IID
VID = 100 mV,
VIC = -3.9 V or 4.9 V
-4
4
µA
(IRIN+ - IRIN-, or IIA - IIB)
LVDS352
LVDT348,
RT
Differential input resistance
VCC = 0 V, VID = 250 mV, VI = 0 V or 2.4 V
90
111
132
LVDT352
IIH
High-level input current
Enables
VIH = 2 V
0
10
µA
IIL
Low-level input current
Enables
VIL = 0.8 V
0
10
µA
IOZ
High-impedance output current
VO = 0 V
-10
10
µA
Input capacitance, RIN+, RIN- input to GND or A
CIN
VI = 0.4 sin (4E6πft) + 0.5 V
5
pF
or B input to AGND
(1)
All typical values are at 25°C and with a 3.3-V supply.
6
Submit Documentation Feedback


Similar Part No. - SN65LVDS348D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS348D TI-SN65LVDS348D Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDS348D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com