Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT348 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT348
Description  QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT348 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDT348 Datasheet HTML 1Page - Texas Instruments SN65LVDT348 Datasheet HTML 2Page - Texas Instruments SN65LVDT348 Datasheet HTML 3Page - Texas Instruments SN65LVDT348 Datasheet HTML 4Page - Texas Instruments SN65LVDT348 Datasheet HTML 5Page - Texas Instruments SN65LVDT348 Datasheet HTML 6Page - Texas Instruments SN65LVDT348 Datasheet HTML 7Page - Texas Instruments SN65LVDT348 Datasheet HTML 8Page - Texas Instruments SN65LVDT348 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
SN65LVDS348 , SN65LVDT348
SN65LVDS352, SN65LVDT352
SLLS523E – FEBRUARY 2002 – REVISED MAY 2004
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Supply voltage range(2), VCC,VCCA,VCCD1, and VCCD2
-0.5 V TO 4 V
Enables, ROUT, or Y
-0.5 V to 6 V
Voltage range
Differential input magnitude MVIDM (LVDT only)
1 V
RIN+, RIN-, A or B
-5 V to 6 V
Human body model(3)
A, B, RIN+, RIN- and GND
±15 kV
Electrostatic discharge
All pins
±7 kV
Charged-device model(4)
All pins
±500 V
Continuous power dissipation
See Dissipation Rating Table
Storage temperature range
-65°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal (GND, AGND).
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
TA ≤ 25°C
OPERATING FACTOR(1)
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
D16
950 mW
7.6 mW/°C
494 mW
PW16
774 mW
6.2 mW/°C
402 mW
PW24
1087 mW
8.7 mW/°C
565 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air
flow.
MIN
NOM
MAX
UNIT
VCC,VCCA,VCCD1,
Supply voltage
3
3.3
3.6
V
and VCCD2
VIH
High-level input voltage
Enables
2
5
V
VIL
Low-level input voltage
Enables
0
0.8
V
|VID| (LVDT348, 352)
0.1
0.8
Magnitude of differential
V
input voltage
|VID| (LVDS348, 352)
0.1
3
Input voltage (any combination of common mode or input signals)
-4
5
V
TA
Operating free-air temperature
-40
85
°C
5
Submit Documentation Feedback


Similar Part No. - SN65LVDT348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT348 TI-SN65LVDT348 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT348 TI-SN65LVDT348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT3486A TI-SN65LVDT3486A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT3486A TI-SN65LVDT3486A Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT3486AD TI-SN65LVDT3486AD Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDT348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com