Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS41FLUA Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS41FLUA
Description  Hall Latch Position Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS41FLUA Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS41FLUA Datasheet HTML 1Page - SEC Electronics Inc. SS41FLUA Datasheet HTML 2Page - SEC Electronics Inc. SS41FLUA Datasheet HTML 3Page - SEC Electronics Inc. SS41FLUA Datasheet HTML 4Page - SEC Electronics Inc. SS41FLUA Datasheet HTML 5Page - SEC Electronics Inc. SS41FLUA Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS41F
Hall Latch Position Sensor
1
V3.10
Nov 1, 2013
Features and Benefits
4.5V to 24V Operation
-40°C to 150°C Superior temperature operation
Bipolar technology
Open-collector 25 mA output
Reverse battery protection
Small Size SOT23 3L or SIP 3L
Solid-state reliability
Resistant to physical stress
Activate with small, commercially available
permanent magnets
Application Examples
Brushless DC motor commutation
Automotive, Consumer and Industrial
Solid-state switch
Speed measurement
Revolution counting
Angular position detection
Proximity detection
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
Functional Block Diagram
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND


Similar Part No. - SS41FLUA

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS41F HONEYWELL-SS41F Datasheet
291Kb / 5P
   Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
More results

Similar Description - SS41FLUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS2019 SECELECTRONICS-SS2019 Datasheet
318Kb / 6P
   Hall Latch Position Sensor
logo
Silicon Laboratories
SI720X SILABS-SI720X Datasheet
580Kb / 31P
   Si720x Switch/Latch Hall Effect Magnetic Position Sensor
logo
NANJING AH ELECTRONICS ...
AH4059 AHNJ-AH4059 Datasheet
605Kb / 8P
   Latch Type Hall Sensor
AH512 AHNJ-AH512 Datasheet
771Kb / 9P
   Latch Type Hall Sensor
AH3031 AHNJ-AH3031 Datasheet
707Kb / 9P
   Latch Type Hall Sensor
logo
IC-Haus GmbH
IC-ML ICHAUS-IC-ML Datasheet
337Kb / 17P
   HALL Position Sensor / Encoder
logo
NANJING AH ELECTRONICS ...
AH3012 AHNJ-AH3012 Datasheet
708Kb / 9P
   Latch Type Hall sensor
AH413 AHNJ-AH413 Datasheet
657Kb / 8P
   Latch Type Hall Sensor
AH3013 AHNJ-AH3013 Datasheet
708Kb / 9P
   Latch Type Hall Sensor
AH3041N AHNJ-AH3041N Datasheet
735Kb / 9P
   Latch Type Hall Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com