Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS109DBTG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS109DBTG4
Description  DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS109DBTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDS109DBTG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS109DBTG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS109DBTG4 Datasheet HTML 9Page - Texas Instruments SN65LVDS109DBTG4 Datasheet HTML 10Page - Texas Instruments SN65LVDS109DBTG4 Datasheet HTML 11Page - Texas Instruments SN65LVDS109DBTG4 Datasheet HTML 12Page - Texas Instruments SN65LVDS109DBTG4 Datasheet HTML 13Page - Texas Instruments SN65LVDS109DBTG4 Datasheet HTML 14Page - Texas Instruments SN65LVDS109DBTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
0
100
200
300
400
500
600
700
800
900
0
200
400
600
800
Signaling Rate − Mbps
VCC = 3.6 V
VCC = 3 V
TA = 255C
0
2
4
6
8
10
12
14
16
18
20
0
100
200
300
400
500
Clock Frequency − MHz
TA = 255C
VCC = 3.6 V
VCC = 3 V
SN65LVDS109
SN65LVDS117
SLLS369F – AUGUST 1999 – REVISED FEBRUARY 2005
TYPICAL CHARACTERISTICS (continued)
SN65LVDS109
P-P EYE-PATTERN JITTER
vs
PRBS SIGNALING RATE
NOTES: Input: 215 PRBS with peak-to-peak jitter < 100 ps at 100 Mbps, all outputs enabled and loaded with differential
100-
Ω loads, worst-case output, supply decoupled with 0.1-µF and 0.001-µF ceramic 0603-style capacitors placed 1
cm from the device.
Figure 10.
SN65LVDS109
P-P PERIOD JITTER
vs
CLOCK FREQUENCY
NOTES: Input: 50% duty cycle square wave with jitter period < 10 ps at 100 MHz, all outputs enabled and loaded with
differential 100-
Ω loads, worst-case output, supply decoupled with 0.1-µF and 0.001-µF ceramic 0603-style capacitors
1 cm from the device.
Figure 11.
11


Similar Part No. - SN65LVDS109DBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS109DBT TI-SN65LVDS109DBT Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
More results

Similar Description - SN65LVDS109DBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com