Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS109 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS109
Description  DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS109 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS109 Datasheet HTML 3Page - Texas Instruments SN65LVDS109 Datasheet HTML 4Page - Texas Instruments SN65LVDS109 Datasheet HTML 5Page - Texas Instruments SN65LVDS109 Datasheet HTML 6Page - Texas Instruments SN65LVDS109 Datasheet HTML 7Page - Texas Instruments SN65LVDS109 Datasheet HTML 8Page - Texas Instruments SN65LVDS109 Datasheet HTML 9Page - Texas Instruments SN65LVDS109 Datasheet HTML 10Page - Texas Instruments SN65LVDS109 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
(VOY + VOZ)/2
IOZ
IOY
Y
Z
VOD
VOY
VOC
VOZ
VID
VIB
VIA
IIA
A
B
IIB
±
3.75 k
0 V
≤ VTEST ≤ 2.4 V
Y
Z
VOD
Input
100
3.75 k
SN65LVDS109
SN65LVDS117
SLLS369F – AUGUST 1999 – REVISED FEBRUARY 2005
Figure 1. Voltage and Current Definitions
Table 2. Receiver Minimum and Maximum Input Threshold Test Voltages
APPLIED VOLTAGES
RESULTING DIFFERENTIAL
RESULTING COMMON-
INPUT VOLTAGE
MODE INPUT VOLTAGE
VIA
VIB
VID
VIC
1.25 V
1.15 V
100 mV
1.2 V
1.15 V
1.25 V
–100 mV
1.2 V
2.4 V
2.3 V
100 mV
2.35 V
2.3 V
2.4 V
–100 mV
2.35 V
0.1 V
0 V
100 mV
0.05 V
0 V
0.1 V
–100 mV
0.05 V
1.5 V
0.9 V
600 mV
1.2 V
0.9 V
1.5 V
–600 mV
1.2 V
2.4 V
1.8 V
600 mV
2.1 V
1.8 V
2.4 V
–600 mV
2.1 V
0.6 V
0 V
600 mV
0.3 V
0 V
0.6 V
–600 mV
0.3 V
Figure 2. VOD Test Circuit
7


Similar Part No. - SN65LVDS109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS109DBT TI-SN65LVDS109DBT Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
More results

Similar Description - SN65LVDS109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com