Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS93A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS93A
Description  FlatLink Transmitter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS93A Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVDS93A Datasheet HTML 5Page - Texas Instruments SN65LVDS93A Datasheet HTML 6Page - Texas Instruments SN65LVDS93A Datasheet HTML 7Page - Texas Instruments SN65LVDS93A Datasheet HTML 8Page - Texas Instruments SN65LVDS93A Datasheet HTML 9Page - Texas Instruments SN65LVDS93A Datasheet HTML 10Page - Texas Instruments SN65LVDS93A Datasheet HTML 11Page - Texas Instruments SN65LVDS93A Datasheet HTML 12Page - Texas Instruments SN65LVDS93A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
CLKL Signal
PRBS Data Signal
t - Time - 1ns/div
k
f
- Clock Frequency - MHz
clk
50
10
30
50
70
90
110
130
20
30
70
40
90
60
80
V
= 3.6V
CC
V
= 3.3V
CC
V
= 3V
CC
100
300
0.01
0.10
10
f
- Input Modular Frequency - MHz
(mod)
0
100
500
200
600
400
800
700
1
Output Jitter
Input Jitter
SN65LVDS93A-Q1
www.ti.com
SLLSEM1B – FEBRUARY 2015 – REVISED APRIL 2015
6.8 Typical Characteristics
CLK Frequency During Test = 100 MHz
Total Device Current (Using Grayscale pattern) Over Pixel Clock
Frequency
Figure 3. Average Grayscale ICC vs Clock Frequency
Figure 4. Output Clock Jitter vs Input Clock Jitter
Clock Signal = 135 MHz
Figure 5. Typical PRBS Output Signal Over One Clock Period
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN65LVDS93A-Q1


Similar Part No. - SN65LVDS93A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS93ADGG TI-SN65LVDS93ADGG Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS93ADGGR TI-SN65LVDS93ADGGR Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS93AZQLR TI-SN65LVDS93AZQLR Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
More results

Similar Description - SN65LVDS93A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
SN65LVDS93A TI-SN65LVDS93A Datasheet
686Kb / 25P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C_17 Datasheet
1Mb / 29P
[Old version datasheet]   FLATLINK TRANSMITTER
SN75LVDS83C TI1-SN75LVDS83C Datasheet
854Kb / 26P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83DGGR TI-SN75LVDS83DGGR Datasheet
701Kb / 21P
[Old version datasheet]   FlatLink TRANSMITTER
SN75LVDS83A TI1-SN75LVDS83A Datasheet
781Kb / 25P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS83B TI-SN75LVDS83B Datasheet
870Kb / 28P
[Old version datasheet]   FLATLINK??TRANSMITTER
SN75LVDS84A TI-SN75LVDS84A_07 Datasheet
243Kb / 16P
[Old version datasheet]   FLATLINK TRANSMITTER
SN65LVDS84A TI1-SN65LVDS84A Datasheet
546Kb / 17P
[Old version datasheet]   FLATLINK田?TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com