Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC180ADRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65LBC180ADRG4
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC180ADRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LBC180ADRG4 Datasheet HTML 1Page - Texas Instruments SN65LBC180ADRG4 Datasheet HTML 2Page - Texas Instruments SN65LBC180ADRG4 Datasheet HTML 3Page - Texas Instruments SN65LBC180ADRG4 Datasheet HTML 4Page - Texas Instruments SN65LBC180ADRG4 Datasheet HTML 5Page - Texas Instruments SN65LBC180ADRG4 Datasheet HTML 6Page - Texas Instruments SN65LBC180ADRG4 Datasheet HTML 7Page - Texas Instruments SN65LBC180ADRG4 Datasheet HTML 8Page - Texas Instruments SN65LBC180ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DRIVER ELECTRICAL CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
SN65LBC180A
SN75LBC180A
www.ti.com............................................................................................................................................................... SLLS378D – MAY 2000 – REVISED APRIL 2009
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
–1.5
–0.8
V
SN65LBC180A
1
1.5
3
RL = 54 Ω,
V
See Figure 1
SN75LBC180A
1.1
1.5
3
|VOD|
Differential output voltage magnitude
SN65LBC180A
1
1.5
3
RL = 60 Ω,
V
See Figure 2
SN75LBC180A
1.1
1.5
3
Change in magnitude of differential output
Δ| VOD |
See Figure 1 and Figure 2
–0.2
0.2
V
voltage(2)
Steady-state common-mode output
1.8
2.4
2.8
V
VOC(ss)
voltage
See Figure 1
Change in steady-state common-mode
V
ΔVOC
–0.1
0.1
output voltage(2)
IO
Output current with power off
VCC = 0 ,
VO = –7 V to 12 V
–10
10
µA
IIH
High-level input current
VI = 2 V
–100
µA
IIL
Low-level input current
VI = 0.8 V
–100
µA
IOS
Short-circuit output current
–7 V
≤ VO ≤ 12 V
–250
±70
250
mA
Receiver disabled and
5.5
9
driver enabled
VI = 0 or VCC,
Receiver disabled and
ICC
Supply current
0.5
1
mA
No load
driver disabled
Receiver enabled and
8.5
15
driver enabled
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
Δ | VOD | and Δ | VOC | are the changes in the steady-state magnitude of VOD and VOC, respectively, that occur when the input is
changed from a high level to a low level.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
2
6
12
ns
tPHL
Propagation delay time, high-to-low-level output
2
6
12
ns
RL = 54 Ω, CL = 50 pF,
tsk(p)
Pulse skew ( | tPLH – tPHL | )
0.3
1
ns
See Figure 3
tr
Differential output signal rise time
4
7.5
11
ns
tf
Differential output signal fall time
4
7.5
11
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
RL = 110 Ω, See Figure 4
12
22
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
RL = 110 Ω, See Figure 5
12
22
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
RL = 110 Ω, See Figure 4
12
22
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
RL = 110 Ω, See Figure 5
12
22
ns
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65LBC180A SN75LBC180A


Similar Part No. - SN65LBC180ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180ADR TI-SN65LBC180ADR Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC180ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com