Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LV1023ADBG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65LV1023ADBG4
Description  10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LV1023ADBG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LV1023ADBG4 Datasheet HTML 5Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 6Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 7Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 8Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 9Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 10Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 11Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 12Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
SERIALIZER TIMING REQUIREMENTS FOR TCLK
SERIALIZER SWITCHING CHARACTERISTICS
DESERIALIZER TIMING REQUIREMENTS FOR REFCLK
SN65LV1023A
SN65LV1224A
SLLS570D – JUNE 2003 – REVISED JANUARY 2005
over recommended operating supply and temperature ranges (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTCP
Transmit clock period
15.15
T
100
ns
tTCIH
Transmit clock high time
0.4T
0.5T
0.6T
ns
tTCIL
Transmit clock low time
0.4T
0.5T
0.6T
ns
tt(CLK)
TCLK input transition time
3
6
ns
tJIT
TCLK input jitter
See Figure 18
150
ps (RMS)
Frequency Tolerance
–100
100
ppm
over recommended operating supply and temperature ranges (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTLH(L)
LVDS low-to-high transition time
0.2
0.4
ns
RL = 27 Ω, CL = 10 pF to GND, See
Figure 5
tLTHL(L)
LVDS high-to-low transition time
0.25
0.4
ns
tsu(DI)
DIN0-DIN9 setup to TCLK
0.5
ns
RL = 27 Ω, CL = 10 pF to GND, See
Figure 8
tsu(DI)
DIN0-DIN9 hold from TCLK
4
ns
td(HZ)
DO± high-to-high-impedance-state delay
2.5
5
td(LZ)
DO± low-to-high-impedance-state delay
2.5
5
RL = 27 Ω, CL = 10 pF to GND, See
DO± high-to-high-impedance-state-to-high
ns
td(ZH)
5
10
Figure 9
delay
DO± high-to-high-impedance-state-to-low
td(ZL)
6.5
10
delay
tw(SPW)
SYNC pulse duration
6×tTCP
ns
RL = 27 Ω, See Figure 11
t(PLD)
Serializer PLL lock time
1026×tTCP
ns
td(S)
Serializer delay
RL = 27 Ω, See Figure 12
tTCP+1
tTCP+2
tTCP+3
ns
10 MHz
230
tDJIT
Deterministic jitter
RL = 27 Ω, CL = 10 pF to GND
ps
66 MHz
150
ps
tRJIT
Random jitter
RL = 2.7 Ω, CL = 10 pF to GND
10
19
(RMS)
over recommended operating supply and temperature ranges (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tRFCP
REFCLK period
15.1
T
100
ns
5
tRFDC
REFCLK duty cycle
30%
50%
70%
tt(RF)
REFCLK transition time
3
6
ns
Frequency tolerance
100
+100
ppm
9
Submit Documentation Feedback


Similar Part No. - SN65LV1023ADBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023ADBG4 TI-SN65LV1023ADBG4 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1023ADBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com