Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LV1023ADBG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65LV1023ADBG4
Description  10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LV1023ADBG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LV1023ADBG4 Datasheet HTML 2Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 3Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 4Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 5Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 6Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 7Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 8Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 9Page - Texas Instruments SN65LV1023ADBG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
SN65LV1023A
SN65LV1224A
SLLS570D – JUNE 2003 – REVISED JANUARY 2005
Terminal Functions
SERIALIZER
PIN
NAME
DESCRIPTION
18, 20, 23, 25
AGND
Analog circuit ground (PLL and analog circuits)
17, 26
AVCC
Analog circuit power supply (PLL and analog circuits)
19
DEN
LVTTL logic input. Low puts the LVDS serial output into the high-impedance state. High enables serial
data output.
15, 16
DGND
Digital circuit ground
3-12
DIN0 –DIN9
Parallel LVTTL data inputs
21
DO
Inverting LVDS differential output
22
DO+
Noninverting LVDS differential output
27, 28
DVCC
Digital circuit power supply
24
PWRDN
LVTTL logic input. Asserting this pin low turns off the PLL and places the outputs into the high-impedance
state, putting the device into a low-power mode.
1, 2
SYNC1,
LVTTL logic inputs SYNC1 and SYNC2 are ORed together. When at least one of the two pins is asserted
SYNC2
high for 6 cycles of TCLK, the serializer initiates transmission of a minimum 1026 SYNC patterns. If after
completion of the transmission of 1026 patterns SYNC continues to be asserted, then the transmission
continues until SYNC is driven low and if the time SYNC holds > 6 cycles, another 1026 SYNC pattern
tranmission initiates.
13
TCLK_R/F
LVTTL logic input. Low selects a TCLK falling-edge data strobe; high selects a TCLK rising-edge data
strobe.
14
TCLK
LVTTL-level reference clock input. The SN65LV1023A accepts a 10-MHz to 66-MHz clock. TCLK strobes
parallel data into the input latch and provides a reference frequency to the PLL.
DESERIALIZER
1, 12, 13
AGND
Analog circuit ground (PLL and analog circuits)
4, 11
AVCC
Analog circuit power supply (PLL and analog circuits)
14, 20, 22
DGND
Digital circuit ground
21, 23
DVCC
Digital circuit power supply
10
LOCK
LVTTL level output. LOCK goes low when the deserializer PLL locks onto the embedded clock edge.
7
PWRDN
LVTTL logic input. Asserting this pin low turns off the PLL and places outputs into a high-impedance
state, putting the device into a low-power mode. To initiate power down, this pin is held low for a
minimum of 16 ns. As long as PWRDN is held low, the device is in the power down state.
2
RCLK_R/F
LVTTL logic input. Low selects an RCLK falling-edge data strobe; high selects an RCLK rising-edge data
strobe.
9
RCLK
LVTTL level output recovered clock. Use RCLK to strobe ROUTx.
3
REFCLK
LVTTL logic input. Use this pin to supply a REFCLK signal for the internal PLL frequency.
8
REN
LVTTL logic input. Low places ROUT0-ROUT9 and RCLK in the high-impedance state.
5
RI+
Serial data input. Noninverting LVDS differential input
6
RI
Serial data input. Inverting LVDS differential input
15-19, 24–28
ROUT0–ROUT9
Parallel LVTTL data outputs
6
Submit Documentation Feedback


Similar Part No. - SN65LV1023ADBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023ADBG4 TI-SN65LV1023ADBG4 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1023ADBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com