Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LV1023A Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65LV1023A
Description  10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LV1023A Datasheet(HTML) 5 Page - Texas Instruments

  SN65LV1023A_16 Datasheet HTML 1Page - Texas Instruments SN65LV1023A_16 Datasheet HTML 2Page - Texas Instruments SN65LV1023A_16 Datasheet HTML 3Page - Texas Instruments SN65LV1023A_16 Datasheet HTML 4Page - Texas Instruments SN65LV1023A_16 Datasheet HTML 5Page - Texas Instruments SN65LV1023A_16 Datasheet HTML 6Page - Texas Instruments SN65LV1023A_16 Datasheet HTML 7Page - Texas Instruments SN65LV1023A_16 Datasheet HTML 8Page - Texas Instruments SN65LV1023A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
Power Down
High-Impedance Mode
Failsafe Biasing for the SN65LV1224A
SN65LV1023A
SN65LV1224A
SLLS570D – JUNE 2003 – REVISED JANUARY 2005
FUNCTIONAL DESCRIPTION (continued)
Once the deserializer has synchronized to the serializer, the LOCK pin transitions low. The deserializer locks to
the embedded clock and uses it to recover the serialized data. ROUT data is valid when LOCK is low, otherwise
ROUT0-ROUT9 is invalid. The ROUT0-ROUT9 data is strobed out by RCLK. The specific RCLK edge polarity to be
used is selected by the RCLK_R/F input. The ROUT0-ROUT9, LOCK and RCLK outputs can drive a maximum of
three CMOS input gates (15-pF load. total for all three) with a 66-MHz clock.
When no data transfer is required, the power-down mode can be used. The serializer and deserializer use the
power-down state, a low-power sleep mode, to reduce power consumption. The deserializer enters power down
when you drive PWRDN and REN low. The serializer enters power down when you drive PWRDN low. In power
down, the PLL stops and the outputs enter a high-impedance state, which disables load current and reduces
supply current to the milliampere range. To exit power down, you must drive the PWRDN pin high.
Before valid data exchanges between the serializer and deserializer can resume, you must reinitialize and
resynchronize the devices to each other. Initialization of the serializer takes 1026 TCLK cycles. The deserializer
initialize and drives LOCK high until lock to the LVDS clock occurs.
The serializer enters the high-impedance mode when the DEN pin is driven low. This puts both driver output pins
(DO+ and DO–) into a high-impedance state. When you drive DEN high, the serializer returns to the previous
state, as long as all other control pins remain static (SYNC1, SYNC2, PWRDN, TCLK_R/F). When the REN pin
is driven low, the deserializer enters high-impedance mode. Consequently, the receiver output pins
(ROUT0–ROUT9) and RCLK are placed into the high-impedance state. The LOCK output remains active, reflecting
the state of the PLL.
Deserializer Truth Table
INPUTS
OUTPUTS
PWRDN
REN
ROUT[0:9](1)
LOCK (2)
RCLK(3)
H
H
Z
H
Z
H
H
Active
L
Active
L
X
Z
Z
Z
H
L
Z
Active
Z
(1)
ROUT and RCLK are 3-stated when LOCK is asserted high.
(2)
LOCK output reflects the state of the deserializer with regard to the selected data stream.
(3)
RCLK active indicates the RCLK is running if the deserializer is locked. The timing of RCLK with
respect to ROUT is determined by RCLK_R/F.
The SN65LV1224A has an input threshold sensitivity of
±50 mV. This allows for greater differential noise margin
in the SN65LV1224A. However, in cases where the receiver input is not being actively driven, the increased
sensitivity of the SN65LV1224A can pickup noise as a signal and cause unintentional locking. This may occur
when the input cable is disconnected. SN65LV1224A has an on-chip fail-safe circuit that drives the serial input
and LOCK Signal high. The response time of the fail-safe circuit depends on interconnect characteristics.
5
Submit Documentation Feedback


Similar Part No. - SN65LV1023A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023ADB TI-SN65LV1023ADB Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023ADB TI-SN65LV1023ADB Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1023A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com