Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC180A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC180A
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC180A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LBC180A Datasheet HTML 3Page - Texas Instruments SN75LBC180A Datasheet HTML 4Page - Texas Instruments SN75LBC180A Datasheet HTML 5Page - Texas Instruments SN75LBC180A Datasheet HTML 6Page - Texas Instruments SN75LBC180A Datasheet HTML 7Page - Texas Instruments SN75LBC180A Datasheet HTML 8Page - Texas Instruments SN75LBC180A Datasheet HTML 9Page - Texas Instruments SN75LBC180A Datasheet HTML 10Page - Texas Instruments SN75LBC180A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
VOD
Vtest
R1
375
0 V or 3 V
Z
D
R2
375
Vtest
Y
RL = 60 Ω
−7 V < Vtest < 12 V
VOLTAGE WAVEFORMS
10%
tf
tPHL
tr
≈ 1.5 V
≈ − 1.5 V
90%
50%
Output
tPLH
0 V
3 V
1.5 V
Input
TEST CIRCUIT
VO
CL = 50 pF
(see Note B)
RL = 54 Ω
50
3 V
Generator
(see Note A)
1.5 V
VOLTAGE WAVEFORMS
tPHZ
1.5 V
2.3 V
0.5 V
0 V
3 V
tPZH
Output
Input
1.5 V
S1
3 V
Output
TEST CIRCUIT
50
VOH
Voff ≈ 0 V
RL = 110 Ω
Generator
(see Note A)
CL = 50 pF
(see Note B)
SN65LBC180A
SN75LBC180A
www.ti.com............................................................................................................................................................... SLLS378D – MAY 2000 – REVISED APRIL 2009
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 2. Driver VOD
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6
ns, tf ≤ 6 ns, ZO = 50 Ω.
B.
CL includes probe and jig capacitance.
Figure 3. Driver Test Circuit and Voltage Waveforms
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6
ns, tf ≤ 6 ns, ZO = 50 Ω.
B.
CL includes probe and jig capacitance.
Figure 4. Driver Test Circuit and Voltage Waveforms
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65LBC180A SN75LBC180A


Similar Part No. - SN75LBC180A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180AD TI-SN75LBC180AD Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180ADR TI-SN75LBC180ADR Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180AN TI-SN75LBC180AN Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN75LBC180A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com