Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU1P0-24S12 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # DU1P0-24S12
Description  Isolated and Unregulated 1 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

DU1P0-24S12 Datasheet(HTML) 2 Page - Astrodyne Corporation

  DU1P0-24S12 Datasheet HTML 1Page - Astrodyne Corporation DU1P0-24S12 Datasheet HTML 2Page - Astrodyne Corporation DU1P0-24S12 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Unregulated 1 WATT Modular DC/DC Converters
DU1P0 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Ranges:
5 VDC Nominal
4.5-5.5 VDC
12 VDC Nominal
10.8-13.2 VDC
15 VDC Nominal
13.5-16.5 VDC
24 VDC Nominal
21.6-26.4 VDC
Input Current
(Nom Vin, Full Load)
See Selection Chart
Input Filter
Capacitor
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (Note 1)
+/- 10% on 5V output
20% - FL
+/- 8% on all others
Line Regulation (HL-LL)
+/- 1.3%/1% of Vin
Temperature Coefficient
+/-0.1%/°C max.
Ripple/Noise(Single/Dual)
100mV Pk-Pk, typ
Voltage Accuracy
+/-5%, max
Short Circuit Protection
1 Second max
Minimum Load (Note 1)
10% of FL
Max. Load Capacitance
Min Vin & Resitive Load
See Selection Chart
GENERAL SPECIFICATIONS
Input-Out Isolation
1000VDC; (3000VDC suffix-N)
Efficiency (Nom I/P & FL)
See Selection Chart
Switching Frequency
60Khz
Isolation Resistance
10000 M Ohms
Isolation Capacitance
30pF, max.
Safety
UL, TUV, CB, CE
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +85°C(See Derate Curve)
Storage Temperature
-55 to +105°C *
Relative Humidity
5% to 95% RH *
MTBF (Note 2)
1.471 MHrs
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 10G, 30 Minutes
along X, Y, and Z
PHYSICAL SPECIFICATIONS
Dimensions
0.77 x 0.24 x 0.40”
Case Material
UL 94-V0 Non-Conductive
Black Plastic
Construction
Fully Encapsulated (UL94-V0)
Weight
2g (0.071oz)
NOTES
1) A Minimum 10% Load is required to maintain regulation
2) BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at
40°C. (Ground fixed and controlled environment)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted


Similar Part No. - DU1P0-24S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU1P0-24S12 ETC-DU1P0-24S12 Datasheet
88Kb / 2P
   1 WATT DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-24S12 ASTRODYNE-DU1P0-24S12 Datasheet
374Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
DU1P0-24S12 P-DUKE-DU1P0-24S12 Datasheet
233Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DU1P0-24S12 RSG-DU1P0-24S12 Datasheet
150Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Power Mate Technology C...
DU1P0-24S12 P-DUKE-DU1P0-24S12 Datasheet
306Kb / 2P
   1 WATTS DC-DC CONVERTER
More results

Similar Description - DU1P0-24S12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DU1P0 ASTRODYNE-DU1P0 Datasheet
374Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
DUP75 ASTRODYNE-DUP75 Datasheet
228Kb / 3P
   Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
DUP75 ASTRODYNE-DUP75_16 Datasheet
134Kb / 3P
   Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
DUP75 ETC1-DUP75 Datasheet
228Kb / 3P
   Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
logo
Murata Power Solutions ...
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com