Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT8501 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VT8501
Description  APOLLO MVP4
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8501 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VT8501 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8501 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
VT8501 Apollo MVP4
Revision 1.3 February 1, 2000
-2-
Features
7HFKQRORJLHV ,QF
'HOLYHULQJ 9DOXH
'HOLYHULQJ 9DOXH
• Advanced L2 Cache
Direct map write-back or write-through secondary cache
Pipelined burst synchronous SRAM (PBSRAM) cache support
Flexible cache size: 0K / 256K / 512K / 1M / 2MB
32 byte line size to match the primary cache
Integrated 8-bit tag comparator
3-1-1-1-1-1-1-1 back to back read timing for PBSRAM accesses up to 100 MHz
Tag timing optimized (less than 4ns setup time) to allow external tag SRAM implementation for most flexible cache
organization
Sustained 3 cycle write access for PBSRAM access or CPU to DRAM & PCI bus post write buffers up to 100 MHz
Supports CPU single read cycle L2 allocation
System and video BIOS cacheable and write-protect
Programmable cacheable region
• Internal Accelerated Graphics Port (AGP) Controller
AGP v2.0 compliant for 1x and 2x transfer modes
Pipelined split-transaction long-burst transfers up to 533 MB/sec
Eight level read request queue
Four level posted-write request queue
Thirty-two level (quadwords) read data FIFO (128 bytes)
Sixteen level (quadwords) write data FIFO (64 bytes)
Intelligent request reordering for maximum AGP bus utilization
Supports Flush/Fence commands
Graphics Address Relocation Table (GART)
One level TLB structure
Sixteen entry fully associative page table
LRU replacement scheme
Independent GART lookup control for host / AGP / PCI master accesses
Windows 95 OSR-2 VXD and integrated Windows 98 / NT5 miniport driver support
• Concurrent PCI Bus Controller
PCI bus is synchronous / pseudo-synchronous to host CPU bus
33 MHz operation on the primary PCI bus
Supports up to five PCI masters
Peer concurrency
Concurrent multiple PCI master transactions; i.e., allow PCI masters from both PCI buses active at the same time
Zero wait state PCI master and slave burst transfer rate
PCI to system memory data streaming up to 132Mbyte/sec
PCI master snoop ahead and snoop filtering
Six levels (double-words) of CPU to PCI posted write buffers
Byte merging in the write buffers to reduce the number of PCI cycles and to create further PCI bursting possibilities
Enhanced PCI command optimization (MRL, MRM, MWI, etc.)
Forty-eight levels (double-words) of post write buffers from PCI masters to DRAM
Sixteen levels (double-words) of prefetch buffers from DRAM for access by PCI masters
Supports L1/L2 write-back forward to PCI master read to minimize PCI read latency
Supports L1/L2 write-back merged with PCI master post-write to minimize DRAM utilization
Delay transaction from PCI master reading DRAM
Read caching for PCI master reading DRAM
Transaction timer for fair arbitration between PCI masters (granularity of two PCI clocks)
Symmetric arbitration between Host/PCI bus for optimized system performance
Complete steerable PCI interrupts
PCI-2.2 compliant, 32 bit 3.3V PCI interface with 5V tolerant inputs


Similar Part No. - VT8501

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VT800 PERKINELMER-VT800 Datasheet
1Mb / 76P
   Photoconductive Cells and Analog Optoisolators (Vactrols)
VT800CT PERKINELMER-VT800CT Datasheet
1Mb / 76P
   Photoconductive Cells and Analog Optoisolators (Vactrols)
logo
Vishay Siliconix
VT80L45PW VISHAY-VT80L45PW Datasheet
96Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.23 V at IF = 5 A
Revision: 08-Jan-14
logo
List of Unclassifed Man...
VT8225 ETC-VT8225 Datasheet
20Kb / 4P
   Clock Generator
VT8231 ETC-VT8231 Datasheet
1Mb / 132P
   SOUTH BRIDGE PC99 COMPLIANT
More results

Similar Description - VT8501

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDH106W SUNLED-ZMDH106W Datasheet
284Kb / 6P
   APOLLO
ZMDZ106W SUNLED-ZMDZ106W Datasheet
228Kb / 6P
   APOLLO
ZMDH95W SUNLED-ZMDH95W Datasheet
238Kb / 5P
   APOLLO
logo
Texas Instruments
TPS65094 TI1-TPS65094_19 Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
logo
Winbond
W83194R-67B WINBOND-W83194R-67B Datasheet
260Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
W83194R-67A WINBOND-W83194R-67A Datasheet
237Kb / 18P
   100MHZ 3-DIMM CLOCK FOR VIA MVP4
logo
Axiomtek Co., Ltd.
MANO310 AXIOMTEK-MANO310 Datasheet
248Kb / 1P
   IntelR CeleronR processor N3350 (Apollo Lake)
logo
Texas Instruments
TPS650941 TI1-TPS650941 Datasheet
138Kb / 7P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094 TI1-TPS65094 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094_J1 TI1-TPS65094_J1 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com