Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH16244ADGVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH16244ADGVR
Description  3.3-V ABT 16-Bit Buffers/Drivers With 3-State Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTH16244ADGVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVTH16244ADGVR Datasheet HTML 2Page - Texas Instruments SN74LVTH16244ADGVR Datasheet HTML 3Page - Texas Instruments SN74LVTH16244ADGVR Datasheet HTML 4Page - Texas Instruments SN74LVTH16244ADGVR Datasheet HTML 5Page - Texas Instruments SN74LVTH16244ADGVR Datasheet HTML 6Page - Texas Instruments SN74LVTH16244ADGVR Datasheet HTML 7Page - Texas Instruments SN74LVTH16244ADGVR Datasheet HTML 8Page - Texas Instruments SN74LVTH16244ADGVR Datasheet HTML 9Page - Texas Instruments SN74LVTH16244ADGVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SN54LVTH16244A, SN74LVTH16244A
SCBS142U – MAY 1992 – REVISED OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
(1)
Recommended
–40°C to 85°C
SN54LVTH16244A
–40°C to 125C
SN74LVTH16244A
PARAMETER
TEST CONDITIONS
UNIT
SN74LVTH16244A
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 2.7 V to 3.6
IOL = –100 μA
VCC – 0.2
VCC – 0.2
VCC – 0.2
V,
VCC = 2.7 V,
IOH = –8 mA
2.4
2.4
2.4
VOH
V
IOH = –24 mA
2
VCC = 3 V
IOH = –32 mA
2
2
IOL = 100 μA
0.2
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
0.5
IOL = 16 mA
0.4
0.4
0.4
VOL
V
IOL = 32 mA
0.5
0.5
0.5
VCC = 3 V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
0.55
VCC = 0 or 3.6 V,
VI = 5.5 V
50
10
10
Control
VCC = 3.6 V,
VI = VCC or GND
±1
±1
±1
inputs
II
μA
VI = VCC
1
1
1
Data
VCC = 3.6 V
inputs
VI = 0
–5
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
±100
μA
VI = 0.8 V
75
75
75
VCC = 3 V
Data
VI = 2 V
–75
–75
–75
II(hold)
μA
inputs
500
500
VCC = 3.6 V
(2),
VI = 0 to 3.6 V
–750
–750
IOZH
VCC = 3.6 V,
VO = 3 V
5
5
5
μA
IOZL
VCC = 3.6 V,
VO = 0.5 V
–5
–5
–5
μA
VCC = 0 to 1.5 V, VO = 0.5 V to 3 V,
±100(
IOZPU
±100
±100
μA
3)
OE = don't care
VCC = 1.5 V to 0, VO = 0.5 V to 3 V,
±100(
IOZPD
±100
±100
μA
3)
OE = don't care
Outputs high
0.19
0.19
0.19
VCC = 3.6 V,
ICC
IO = 0,
Outputs low
5
5
5
mA
VI = VCC or GND
Outputs disabled
0.19
0.19
0.19
VCC = 3 V to 3.6 V, One input at VCC – 0.6
ΔICC
(4)
V,
0.2
0.2
0.2
mA
Other inputs at VCC or GND
Ci
VI = 3 V or 0 V
4
4
4
pF
Co
VO = 3 V or 0 V
9
9
9
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(3)
On products compliant to MIL-PRF-38535, this parameter does not apply.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
6
Submit Documentation Feedback
Copyright © 1992–2013, Texas Instruments Incorporated
Product Folder Links: SN54LVTH16244A SN74LVTH16244A


Similar Part No. - SN74LVTH16244ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH16244ADGVR TI-SN74LVTH16244ADGVR Datasheet
486Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTH16244ADGVR TI-SN74LVTH16244ADGVR Datasheet
659Kb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH16244ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT16244B TI-SN54LVT16244B_08 Datasheet
637Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162240 TI-SN54LVTH162240_06 Datasheet
137Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTH16240 TI-SN74LVTH16240_07 Datasheet
224Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT16244B TI-SN54LVT16244B Datasheet
120Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244A TI-SN54LVTH16244A Datasheet
110Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI1-SN54LVTH162241_08 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162541 TI-SN54LVTH162541 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16241 TI-SN54LVTH16241 Datasheet
125Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A Datasheet
468Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A_08 Datasheet
624Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI-SN54LVTH162241 Datasheet
114Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com