Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3205 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3205
Description  Miniature, Adjustable, Step-Down DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3205 Datasheet(HTML) 5 Page - Texas Instruments

  LM3205_16 Datasheet HTML 1Page - Texas Instruments LM3205_16 Datasheet HTML 2Page - Texas Instruments LM3205_16 Datasheet HTML 3Page - Texas Instruments LM3205_16 Datasheet HTML 4Page - Texas Instruments LM3205_16 Datasheet HTML 5Page - Texas Instruments LM3205_16 Datasheet HTML 6Page - Texas Instruments LM3205_16 Datasheet HTML 7Page - Texas Instruments LM3205_16 Datasheet HTML 8Page - Texas Instruments LM3205_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM3205
www.ti.com
SNVS388E – JULY 2005 – REVISED APRIL 2013
SYSTEM CHARACTERISTICS
The following spec table entries are specified by design providing the component values in the typical application circuit are
used. These parameters are not specified by production testing. Min and Max limits apply over the full operating ambient
temperature range (
−30°C ≤ TA ≤ 85°C) and over the VIN range = 2.7V to 5.5V, TA = 25°C, PVIN = VDD = EN = 3.6V, L =
3.3µH, DCR of L
≤ 100mΩ, CIN = 10µF, 0603, 6.3V (4.7µF||4.7µF, 0603, 6.3V can be used), COUT = 4.7µF, 0603, 6.3V for
LM3205TL/LM3205SD unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRESPONSE
Time for VOUT to rise from 0.8V
VIN = 4.2V, COUT = 4.7µF, L = 3.3µH,
20
30
µs
to 3.6V
RLOAD = 5.5Ω
Time for VOUT to fall from 3.6V to VIN = 4.2V, COUT = 4.7µF, L = 3.3µH,
20
30
µs
0.8V
RLOAD = 10Ω
CCON
VCON input capacitance
VCON = 1V,
20
pF
Test frequency = 100 kHz
Linearity
Linearity in control
VIN = 3.9V
-3
+3
%
range 0.32V to 1.44V
Monotonic in nature
ICON
Control pin input current
-10
10
µA
TON
Turn on time
EN = Low to High, VIN = 4.2V, VO = 3.6V,
(time for output to reach 3.6V
COUT = 4.7µF, IOUT ≤ 1mA
70
100
µs
from Enable low to high
transition)
η
Efficiency
VIN = 3.6V, VOUT = 0.8V, IOUT = 90mA
83
%
(L = 3.3µH, DCR
≤ 100mΩ)
VIN = 4.2V, VOUT = 3.4V, IOUT = 400mA
96
%
VOUT_ripple Ripple voltage, PWM mode
VIN = 3V to 4.5V, VOUT = 0.8V, IOUT =
10
mVp-p
10mA to 400mA(1)
Line_tr
Line transient response
VIN = 600mV perturbance,
TRISE = TFALL = 10µs, VOUT = 0.8V, IOUT =
50
mVpk
100mA
Load_tr
Load transient response
VIN = 3.1/3.6/4.5V, VOUT = 0.8V, transients
50
mVpk
up to 100mA, TRISE = TFALL = 10µs
PSRR
VIN = 3.6V, VOUT = 0.8V, IOUT =
sine wave perturbation
40
dB
100mA
frequency = 10kHz, amplitude = 100mVp-p
(1)
Ripple voltage should measured at COUT electrode on good layout PC board and under condition using suggested inductors and
capacitors.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3205


Similar Part No. - LM3205_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results

Similar Description - LM3205_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com