Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61011 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61011
Description  HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61011 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61011 Datasheet HTML 2Page - Texas Instruments TPS61011 Datasheet HTML 3Page - Texas Instruments TPS61011 Datasheet HTML 4Page - Texas Instruments TPS61011 Datasheet HTML 5Page - Texas Instruments TPS61011 Datasheet HTML 6Page - Texas Instruments TPS61011 Datasheet HTML 7Page - Texas Instruments TPS61011 Datasheet HTML 8Page - Texas Instruments TPS61011 Datasheet HTML 9Page - Texas Instruments TPS61011 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
TPS61010, TPS61011
TPS61012, TPS61013
TPS61014, TPS61015, TPS61016
SLVS314C – SEPTEMBER 2000 – REVISED OCTOBER 2003
The accuracy of the adjustable version is determined by the accuracy of the internal voltage reference, the
controller topology, and the accuracy of the external resistor. The reference voltage has an accuracy of
±4% over
line, load, and temperature. The controller switches between fixed frequency and pulse-skip mode, depending on
load current. This adds an offset to the output voltage that is equivalent to 1% of VO. The tolerance of the
resistors in the feedback divider determine the total system accuracy.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
Input voltage range on VBAT, VOUT, SW, EN, LBI, FB, ADEN
-0.3 V to 3.6 V
SW
-0.3 V to 7 V
Voltage range on: LBO, COMP
3.6 V
Peak current into SW
1300 mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
-40
°C to 85°C
Maximum junction temperature, TJ
150
°C
Storage temperature range, Tstg
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10s
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA <25°C POWER
DERATING FACTORABOVE TA TA = 70°C POWER
TA = 85°C POWER
RATING
= 25
°C
RATING
RATING
DGS
424 mW
3.4 mW/
°C
271 mW
220 mW
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage at VBAT, VI
0.8
VOUT
V
Maximum output current at VIN = 1.2 V, IO
100
mA
Maximum output current at VIN = 2.4 V, IO
200
mA
Inductor, L1
10
33
µH
Input capacitor, Ci
10
µF
Output capacitor, Co
10
22
47
µF
Operating virtual junction temperature, TJ
-40
125
°C
6


Similar Part No. - TPS61011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61011 TI-TPS61011 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
More results

Similar Description - TPS61011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI1-TPS61010_13 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com