Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP175AIDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175AIDR
Description  Digital Temperature Sensor with Two-Wire Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP175AIDR Datasheet(HTML) 1 Page - Texas Instruments

  TMP175AIDR Datasheet HTML 1Page - Texas Instruments TMP175AIDR Datasheet HTML 2Page - Texas Instruments TMP175AIDR Datasheet HTML 3Page - Texas Instruments TMP175AIDR Datasheet HTML 4Page - Texas Instruments TMP175AIDR Datasheet HTML 5Page - Texas Instruments TMP175AIDR Datasheet HTML 6Page - Texas Instruments TMP175AIDR Datasheet HTML 7Page - Texas Instruments TMP175AIDR Datasheet HTML 8Page - Texas Instruments TMP175AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TMP175
TMP75
SBOS288C – JANUARY 2004 – REVISED MARCH 2004
www.ti.com
DESCRIPTION
The TMP175 and TMP75 are Two-Wire, serial output tem-
perature sensors available in an SO-8 package. Requiring no
external components, the TMP175 and TMP75 are capable
of reading temperatures with a resolution of 0.0625°C.
The TMP175 and TMP75 feature a Two-Wire interface that
is SMBus-compatible, with the TMP175 allowing up to 27
devices on one bus and the TMP75 allowing up to eight
devices on one bus. The TMP175 and TMP75 both feature
an SMBus alert function.
The TMP175 and TMP75 are ideal for extended temperature
measurement in a variety of communication, computer, con-
sumer, environmental, industrial, and instrumentation appli-
cations.
The TMP175 and TMP75 are specified for operation over a
temperature range of –40°C to +125°C.
FEATURES
27 ADDRESSES (TMP175)
8 ADDRESSES (TMP75)
DIGITAL OUTPUT: Two-Wire Serial Interface
RESOLUTION: 9- to 12-Bits, User-Selectable
ACCURACY: ±1.5°C (max) from –25°C to +85°C
±2.0°C (max) from –40°C to +125°C
LOW QUIESCENT CURRENT: 50
µ
µµ
µµA, 0.1µ
µµ
µµA Standby
WIDE SUPPLY RANGE: 2.7V to 5.5V
SMALL SO-8 PACKAGE
Copyright © 2004, Texas Instruments Incorporated
Digital Temperature Sensor
with Two-Wire Interface
APPLICATIONS
POWER-SUPPLY TEMPERATURE MONITORING
COMPUTER PERIPHERAL THERMAL PROTECTION
NOTEBOOK COMPUTERS
CELL PHONES
BATTERY MANAGEMENT
OFFICE MACHINES
THERMOSTAT CONTROLS
ENVIRONMENTAL MONITORING and HVAC
ELECTROMECHANICAL DEVICE TEMPERATURE
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP175, TMP75
Temperature
ALERT
SDA
1
3
4
8
6
5
GND
V+
A1
SCL
27
A0
A2
TMP175
TMP75
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMP175AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175AIDR TI1-TMP175AIDR Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Guangdong Youtai Semico...
TMP175AIDR UMW-TMP175AIDR Datasheet
874Kb / 18P
   Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface
logo
Texas Instruments
TMP175AIDRG4 TI1-TMP175AIDRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results

Similar Description - TMP175AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com