Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C39LT1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BZX84C39LT1
Description  Zener Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX84C39LT1 Datasheet(HTML) 4 Page - ON Semiconductor

  BZX84C39LT1 Datasheet HTML 1Page - ON Semiconductor BZX84C39LT1 Datasheet HTML 2Page - ON Semiconductor BZX84C39LT1 Datasheet HTML 3Page - ON Semiconductor BZX84C39LT1 Datasheet HTML 4Page - ON Semiconductor BZX84C39LT1 Datasheet HTML 5Page - ON Semiconductor BZX84C39LT1 Datasheet HTML 6Page - ON Semiconductor BZX84C39LT1 Datasheet HTML 7Page - ON Semiconductor BZX84C39LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BZX84B4V7LT1, BZX84C2V4LT1 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS − BZX84BxxxL (Tight Tolerance Series)
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C unless otherwise noted, VF = 0.90 V Max. @ IF = 10 mA)
VZ (Volts) @ IZT =5mA
ZZT (W) @
IZT =5mA
Max Reverse
Leakage
Current
qVZ
(mV/k)
Device
VZ (Volts) @ IZT = 5 mA
(Note 4)
IZT = 5 mA
(Note 4)
IR
@
VR
(mV/k)
@ IZT = 5 mA
C (pF)
@VR =0
Device
Device
Marking
Min
Nom
Max
Max
mA
@
Volts
Min
Max
@ VR =0,
f = 1 MHz
BZX84B4V7LT1
T10
4.61
4.7
4.79
80
3
2
−3.5
0.2
260
BZX84B5V1LT1, G*
T11
5.00
5.1
5.20
60
2
2
−2.7
1.2
225
BZX84B5V6LT1
T12
5.49
5.6
5.71
40
1
2
−2
2.5
200
BZX84B6V2LT1, G*
T13
6.08
6.2
6.32
10
3
4
0.4
3.7
185
BZX84B6V8LT1, G*
T14
6.66
6.8
6.94
15
2
4
1.2
4.5
155
BZX84B7V5LT1, G*
T15
7.35
7.5
7.65
15
1
5
2.5
5.3
140
BZX84B8V2LT1, G*
T16
8.04
8.2
8.36
15
0.7
5
3.2
6.2
135
BZX84B9V1LT1, G*
T17
8.92
9.1
9.28
15
0.5
6
3.8
7
130
BZX84B16LT1
T19
15.7
16
16.3
40
0.05
11.2
10.4
14
105
BZX84B18LT1
T20
17.6
18
18.4
45
0.05
12.6
12.4
16
100
4. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
* The “G” suffix indicates Pb−Free package available.


Similar Part No. - BZX84C39LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C39LT1 LRC-BZX84C39LT1 Datasheet
171Kb / 5P
   SEMICONDUCTOR(TECHNICAL DATA)
logo
Motorola, Inc
BZX84C39LT1 MOTOROLA-BZX84C39LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
E-Tech Electronics LTD
BZX84C39LT1 ETL-BZX84C39LT1 Datasheet
174Kb / 5P
   SEMICONDUCTOR
logo
ON Semiconductor
BZX84C39LT1 ONSEMI-BZX84C39LT1 Datasheet
79Kb / 7P
   Zener Voltage Regulators
October, 2005 ??Rev. 11
logo
PACELEADER INDUSTRIAL
BZX84C39LT1 PACELEADER-BZX84C39LT1 Datasheet
180Kb / 2P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - BZX84C39LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com