Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65175DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65175DR
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65175DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65175DR Datasheet HTML 4Page - Texas Instruments SN65175DR Datasheet HTML 5Page - Texas Instruments SN65175DR Datasheet HTML 6Page - Texas Instruments SN65175DR Datasheet HTML 7Page - Texas Instruments SN65175DR Datasheet HTML 8Page - Texas Instruments SN65175DR Datasheet HTML 9Page - Texas Instruments SN65175DR Datasheet HTML 10Page - Texas Instruments SN65175DR Datasheet HTML 11Page - Texas Instruments SN65175DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SN65175, SN75175
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS145C − OCTOBER 1990 − REVISED NOVEMBER 2006
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
0.2
0.1
0
0
1020
30
405060
0.3
0.4
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
0.5
70
80
90
TA − Free-Air Temperature − °C
VCC = 5 V
VID = − 0.2 V
IOL = 8 mA
SN65175 Only
Figure 9
2
1
0
0
0.5
1
1.5
3
4
OUTPUT VOLTAGE
vs
ENABLE G VOLTAGE
5
2
2.5
3
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
VID = 0.2 V
Load = 8 k
Ω to GND
TA = 25°C
Enable G Voltage − V
Figure 10
3
2
1
0
0
0.5
1
4
5
OUTPUT VOLTAGE
vs
ENABLE G VOLTAGE
6
1.5
2
2.5
3
VID = −0.2 V
Load = 1 k
Ω to VCC
TA = 25°C
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
Enable G Voltage − V
Figure 11
40
30
10
0
01
2
3
4
5
6
50
70
SUPPLY CURRENT (ALL RECEIVERS)
vs
SUPPLY VOLTAGE
80
78
20
60
No Load
Inputs Open
TA = 25°C
VCC − Supply Voltage − V
Outputs Disabled
Outputs Enabled
90
100


Similar Part No. - SN65175DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65175DR TI-SN65175DR Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175DRE4 TI-SN65175DRE4 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175DRG4 TI-SN65175DRG4 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65175DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com