Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55116 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN55116
Description  DIFFERENTIAL LINE TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55116 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN55116_13 Datasheet HTML 3Page - Texas Instruments SN55116_13 Datasheet HTML 4Page - Texas Instruments SN55116_13 Datasheet HTML 5Page - Texas Instruments SN55116_13 Datasheet HTML 6Page - Texas Instruments SN55116_13 Datasheet HTML 7Page - Texas Instruments SN55116_13 Datasheet HTML 8Page - Texas Instruments SN55116_13 Datasheet HTML 9Page - Texas Instruments SN55116_13 Datasheet HTML 10Page - Texas Instruments SN55116_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN55116
DIFFERENTIAL LINE TRANSCEIVERS
SGLS319 − NOVEMBER 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 1
3
2
1
0
01
2
4
5
6
34
DRIVER
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
VI − Input Voltage − V
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
No Load
TA = 25°C
Figure 2
3
2
1
0
01
2
4
5
6
34
DRIVER
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
VI − Input Voltage − V
TA = − 55°C
TA = 125°C
TA = 25°C
VCC = 5 V
No Load
Figure 3
0
IOH − High-Level Output Current − mA
6
− 100
0
−20
−40
− 60
−80
1
2
3
4
5
TA = 25°C
VCC = 5 V
VCC = 4.5 V
DRIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VCC = 5.5 V
Figure 4
0.3
0.2
0.1
0
020
40
0.4
0.5
0.6
50
80
100
120
VCC = 4.5 V
VCC = 5.5 V
IOL − Low-Level Output Current − mA
DRIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
TA = 25°C
† Operation of the device at these or any other conditions beyond those indicated under ‘‘recommended operating conditions” is not implied.


Similar Part No. - SN55116_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
More results

Similar Description - SN55116_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com