Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7700601FA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # 7700601FA
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

7700601FA Datasheet(HTML) 6 Page - Texas Instruments

Back Button 7700601FA Datasheet HTML 2Page - Texas Instruments 7700601FA Datasheet HTML 3Page - Texas Instruments 7700601FA Datasheet HTML 4Page - Texas Instruments 7700601FA Datasheet HTML 5Page - Texas Instruments 7700601FA Datasheet HTML 6Page - Texas Instruments 7700601FA Datasheet HTML 7Page - Texas Instruments 7700601FA Datasheet HTML 8Page - Texas Instruments 7700601FA Datasheet HTML 9Page - Texas Instruments 7700601FA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SN54165, SN54LS165A, SN74165, SN74LS165A
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SDLS062D – OCTOBER 1976 – REVISED FEBRUARY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54165
SN74165
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VIK
Input clamp voltage
VCC = MIN,
II = –12 mA
–1.5
–1.5
V
VOH
High-level output voltage
VCC = MIN,
VIL = 0.8 V,
VIH = 2 V,
IOH = –800 mA
2.4
3.4
2.4
3.4
V
VOL
Low-level output voltage
VCC = MIN,
VIL = 0.8 V,
VIH = 2 V,
IOL = 16 mA
0.2
0.4
0.2
0.4
V
II
Input current at maximum input voltage
VCC = MAX, VI = 5.5 V
1
1
mA
IIH
High level input current
SH/LD
VCC = MAX
VI =2 4V
80
80
µA
IIH
High-level input current
Other inputs
VCC = MAX, VI = 2.4 V
40
40
µA
IIL
Low level input current
SH/LD
VCC = MAX
VI =0 4V
–3.2
–3.2
mA
IIL
Low-level input current
Other inputs
VCC = MAX, VI = 0.4 V
–1.6
–1.6
mA
IOS
Short-circuit output current§
VCC = MAX
–20
–55
–18
–55
mA
ICC
Supply current
VCC = MAX, See Note 4
42
63
42
63
mA
NOTE 4: With the outputs open, CLK INH and CLK at 4.5 V, and a clock pulse applied to SH/LD, ICC is measured first with the parallel inputs
at 4.5 V, then with the parallel inputs grounded.
† For conditions shown as MIN or MAX, use the appropriate values specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time.
SN54165 and SN74165 switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER¶
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
20
26
MHz
tPLH
LD
Any
CL =15 pFRL = 400 W
21
31
ns
tPHL
LD
Any
CL = 15 pF, RL = 400 W
27
40
ns
tPLH
CLK
Any
CL =15 pFRL = 400 W
16
24
ns
tPHL
CLK
Any
CL = 15 pF, RL = 400 W
21
31
ns
tPLH
H
QH
CL =15 pFRL = 400 W
11
17
ns
tPHL
H
QH
CL = 15 pF, RL = 400 W
24
36
ns
tPLH
H
QH
CL =15 pFRL = 400 W
18
27
ns
tPHL
H
QH
CL = 15 pF, RL = 400 W
18
27
ns
¶ fmax = maximum clock frequency, tPLH = propagation delay time, low-to-high-level output, tPHL = propagation delay time, high-to-low-level output
The SN54165 and SN74165 devices
are obsolete and are no longer supplied.


Similar Part No. - 7700601FA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
7700601FA TI-7700601FA Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results

Similar Description - 7700601FA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com