Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LS165A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS165A
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS165A Datasheet(HTML) 1 Page - Texas Instruments

  SN54LS165A Datasheet HTML 1Page - Texas Instruments SN54LS165A Datasheet HTML 2Page - Texas Instruments SN54LS165A Datasheet HTML 3Page - Texas Instruments SN54LS165A Datasheet HTML 4Page - Texas Instruments SN54LS165A Datasheet HTML 5Page - Texas Instruments SN54LS165A Datasheet HTML 6Page - Texas Instruments SN54LS165A Datasheet HTML 7Page - Texas Instruments SN54LS165A Datasheet HTML 8Page - Texas Instruments SN54LS165A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54165, SN54LS165A, SN74165, SN74LS165A
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SDLS062D – OCTOBER 1976 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Complementary Outputs
D Direct Overriding Load (Data) Inputs
D Gated Clock Inputs
D Parallel-to-Serial Data Conversion
TYPE
TYPICAL MAXIMUM
CLOCK FREQUENCY
TYPICAL
POWER DISSIPATION
’165
26 MHz
210 mW
’LS165A
35 MHz
90 mW
description
The ’165 and ’LS165A are 8-bit serial shift
registers that shift the data in the direction of QA
toward QH when clocked. Parallel-in access to
each stage is made available by eight individual,
direct data inputs that are enabled by a low level
at the shift/load (SH/LD) input. These registers
also feature gated clock (CLK) inputs and
complementary outputs from the eighth bit. All
inputs
are
diode-clamped
to
minimize
transmission-line effects, thereby simplifying
system design.
Clocking is accomplished through a two-input
positive-NOR gate, permitting one input to be
used as a clock-inhibit function. Holding either of
the clock inputs high inhibits clocking, and holding
either clock input low with SH/LD high enables the
other clock input. Clock inhibit (CLK INH) should
be changed to the high level only while CLK is
high. Parallel loading is inhibited as long as SH/LD
is high. Data at the parallel inputs are loaded
directly into the register while SH/LD is low,
independently of the levels of CLK, CLK INH, or
serial (SER) inputs.
The SN54165 and SN74165 devices
are obsolete and are no longer supplied.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54165, SN54LS165A ...J OR W PACKAGE
SN74165 ...N PACKAGE
SN74LS165A . . . D, N, OR NS PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
D
C
NC
B
A
E
F
NC
G
H
SN54LS165A . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SH/LD
CLK
E
F
G
H
QH
GND
VCC
CLK INH
D
C
B
A
SER
QH
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54LS165A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS165A TI-SN54LS165A Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LS165A TI-SN54LS165A Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54LS165A TI-SN54LS165A Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LS165AFK TI-SN54LS165AFK Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LS165AJ TI-SN54LS165AJ Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results

Similar Description - SN54LS165A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com