Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS14DE4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS14DE4
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS14DE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LS14DE4 Datasheet HTML 6Page - Texas Instruments SN74LS14DE4 Datasheet HTML 7Page - Texas Instruments SN74LS14DE4 Datasheet HTML 8Page - Texas Instruments SN74LS14DE4 Datasheet HTML 9Page - Texas Instruments SN74LS14DE4 Datasheet HTML 10Page - Texas Instruments SN74LS14DE4 Datasheet HTML 11Page - Texas Instruments SN74LS14DE4 Datasheet HTML 12Page - Texas Instruments SN74LS14DE4 Datasheet HTML 13Page - Texas Instruments SN74LS14DE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SN5414, SN54LS14,
SN7414, SN74LS14
HEX SCHMITT-TRIGGER INVERTERS
SDLS049B – DECEMBER 1983 – REVISED FEBRUARY 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS OF ’LS14 CIRCUITS
Figure 10
1.64
1.62
1.61
1.60
1.66
1.67
POSITIVE-GOING THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
1.70
1.65
1.63
VCC = 5 V
1.68
1.69
TA – Free-Air Temperature – °C
–25
–50
–75
0
25
50
75
100
125
Figure 11
0.84
0.82
0.81
0.80
0.86
0.87
NEGATIVE-GOING THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
0.90
0.85
0.83
VCC = 5 V
0.88
0.89
–25
–50
–75
0
25
50
75
100
125
TA – Free-Air Temperature – °C
Figure 12
790
770
760
750
810
820
HYSTERESIS
vs
FREE-AIR TEMPERATURE
850
800
780
VCC = 5 V
830
840
–25
–50
–75
0
25
50
75
100
125
TA – Free-Air Temperature – °C
Figure 13
760
740
780
800
820
DISTRIBUTION OF UNITS
FOR HYSTERESIS
840
860
880
VT+ – VT– – Hysteresis – mV
VCC = 5 V
TA = 25°C
720
99% ARE
ABOVE
735 mV
† Data for temperatures below 0
°C and above 70°C and supply voltage below 4.75 V and above 5.25 V are applicable for SN5414 only.


Similar Part No. - SN74LS14DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS14DE4 TI-SN74LS14DE4 Datasheet
960Kb / 27P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SN74LS14DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com