Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST597 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # PST597
Description  System Reset
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST597 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  PST597 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST597 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST597 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST597 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST597 Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUMI
System Reset PST596~598
Equivalent Circuit Diagram
Pin Assignment
54
3
2
1
SOT-25
1
M/R
2
SUB
3
GND
4
VOUT
5
VCC
Pin Description
Pin No.
Pin name
Function
1
M/R
Manual reset pin *1
2
SUB
SUB pin *2
3
GND
GND pin
4
VOUT
Reset signal output pin
5
VCC
Power supply pin/Voltage detection pin
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC max.
-0.3~+12
V
Manual reset input voltage
VRES max.
-0.3~+12
V
Allowable loss
Pd
150
mW
*1: Note that the oscilloscope may mis-operate if the M/R pin falls below -0.3V.
*2: Connect to GND.


Similar Part No. - PST597

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST591 MITSUMI-PST591 Datasheet
133Kb / 6P
   System Reset Monolithic IC PST591~595 Series
PST591JM MITSUMI-PST591JM Datasheet
133Kb / 6P
   System Reset Monolithic IC PST591~595 Series
PST592 MITSUMI-PST592 Datasheet
133Kb / 6P
   System Reset Monolithic IC PST591~595 Series
PST593 MITSUMI-PST593 Datasheet
133Kb / 6P
   System Reset Monolithic IC PST591~595 Series
PST594 MITSUMI-PST594 Datasheet
133Kb / 6P
   System Reset Monolithic IC PST591~595 Series
More results

Similar Description - PST597

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
   System Reset
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
   System Reset
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
   System Reset
PST993 MITSUMI-PST993 Datasheet
96Kb / 4P
   System Reset
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
   System Reset
PST9223 MITSUMI-PST9223 Datasheet
135Kb / 6P
   System Reset
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com