Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1477D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1477D
Description  3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1477D Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD1477D Datasheet HTML 1Page - Texas Instruments SN65HVD1477D Datasheet HTML 2Page - Texas Instruments SN65HVD1477D Datasheet HTML 3Page - Texas Instruments SN65HVD1477D Datasheet HTML 4Page - Texas Instruments SN65HVD1477D Datasheet HTML 5Page - Texas Instruments SN65HVD1477D Datasheet HTML 6Page - Texas Instruments SN65HVD1477D Datasheet HTML 7Page - Texas Instruments SN65HVD1477D Datasheet HTML 8Page - Texas Instruments SN65HVD1477D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
D
Z
Y
6
5
3
R
B
A
7
8
2
1
2
3
4
8
7
6
5
R
D
VCC
B
A
Z
Y
GND
SN65HVD1470, SN65HVD1471, SN65HVD1473
SN65HVD1474, SN65HVD1476, SN65HVD1477
www.ti.com
SLLSEJ8D – JUNE 2014 – REVISED OCTOBER 2014
5 Device Comparison Table
PART NUMBER(1)
SIGNALING RATE
DUPLEX
ENABLES
PACKAGE
NODES
SOIC-14
SN65HVD1470
up to 400 kbps
Full
DE, RE
256
MSOP-10
SOIC-8
SN65HVD1471
up to 400 kbps
Full
None
256
MSOP-8
SOIC-14
SN65HVD1473
up to 20 Mbps
Full
DE, RE
256
MSOP-10
SOIC-8
SN65HVD1474
up to 20 Mbps
Full
None
256
MSOP-8
SOIC-14
SN65HVD1476
up to 50 Mbps
Full
DE, RE
96
MSOP-10
SOIC-8
SN65HVD1477
up to 50 Mbps
Full
None
96
MSOP-8
(1)
For device status, see the Mechanical, Packaging, and Orderable Information section.
6 Pin Configuration and Functions
SN65HVD1471, SN65HVD1474, SN65HVD1477
8-Pin SOIC, D Package, and 8-Pin MSOP, DGK Package
(Top View)
Pin Functions — SOIC-8 and MSOP-8
PIN
TYPE
DESCRIPTION
NAME
NO.
VCC
1
Supply
3-V to 3.6-V supply
R
2
Digital output
Receive data output
D
3
Digital input
Driver data input
GND
4
Reference potential
Local device ground
Y
5
Bus output
Digital bus output, Y (Complementary to Z)
Z
6
Bus output
Digital bus output, Z (Complementary to Y)
B
7
Bus input
Digital bus input, B (Complementary to A)
A
8
Bus input
Digital bus input, A (Complementary to B)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65HVD1470 SN65HVD1471 SN65HVD1473 SN65HVD1474 SN65HVD1476 SN65HVD1477


Similar Part No. - SN65HVD1477D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI1-SN65HVD10 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD1477D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
logo
Texas Instruments
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com