Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSH3-99-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSH3-99-HF
Description  Small Signal Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSH3-99-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDSH3-99-HF Datasheet HTML 1Page - Comchip Technology CDSH3-99-HF Datasheet HTML 2Page - Comchip Technology CDSH3-99-HF Datasheet HTML 3Page - Comchip Technology CDSH3-99-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Switching Diodes
Reverse Voltage: 85 Volts
Forward Current: 75 mA
RoHS Device
Page 1
REV:A
Features
- Design for mounting on small surface.
- Fast switching speed.
- High mounting capability, strong surge
withstand, high reliability.
Mechanical data
- Case: SOT-523, molded plastic.
- Terminals: Solderable per MIL-STD-750,
method 2026.
- Weight: 0.002 grams(Approx.).
Circuit diagram
CDSH3-56-HF/70-HF/99-HF
QW-JA010
Comchip Technology CO., LTD.
Maximum Rating (at Ta=25°C unless otherwise noted)
°C
°C
°C/W
mW
mA
V
833
150
75
85
-55~+150
TSTG
Tj
PD
IF
VR
Storage temperature range
Junction temperature range
Power dissipation
Non-Repetitive peak forward surge current @ t=8.3 ms
Reverse voltage
Parameter
Symbol
Value
Unit
RθJA
Forward current
Thermal resistance from junction to ambient
IFSM
2
A
-40~+150
Dimensions in inches and (millimeter)
SOT-523
0.067(1.70)
0.059(1.50)
0.035(0.90)
0.028(0.70)
0.043(1.10)
0.035(0.90)
1
2
3
0.008(0.20)
0.004(0.10)
0.069(1.75)
0.057(1.45)
0.010(0.26)
0.004(0.10)max.
0.035(0.90)
0.028(0.70)
0.010(0.25)
0.006(0.15)
0.018(0.46)
Company reserves the right to improve product design , functions and reliability without notice.
0.014(0.35)
0.010(0.25)
Halogen Free
CDSH3-56-HF
1
2
3
Marking: JD
CDSH3-70-HF
1
2
3
Marking: JJ
CDSH3-99-HF
1
2
3
Marking: JE


Similar Part No. - CDSH3-99-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-99-G COMCHIP-CDSH3-99-G Datasheet
472Kb / 2P
   Small Signal Schottky Diodes
CDSH3-99-G COMCHIP-CDSH3-99-G Datasheet
71Kb / 2P
   Small Signal Switching Diodes
More results

Similar Description - CDSH3-99-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
   Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
   Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
   Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
   Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
   Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
   Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
   Small Signal Switching Diodes
logo
Comchip Technology
CDSL-4148-G COMCHIP-CDSL-4148-G Datasheet
112Kb / 4P
   Small Signal Switching Diodes
CDSH3 COMCHIP-CDSH3 Datasheet
572Kb / 2P
   Small Signal Switching Diodes
logo
DAESAN ELECTRONIC CORP.
MCL4148 DAESAN-MCL4148 Datasheet
493Kb / 3P
   SMALL SIGNAL SWITCHING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com