Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1470D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1470D
Description  3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1470D Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD1470D Datasheet HTML 1Page - Texas Instruments SN65HVD1470D Datasheet HTML 2Page - Texas Instruments SN65HVD1470D Datasheet HTML 3Page - Texas Instruments SN65HVD1470D Datasheet HTML 4Page - Texas Instruments SN65HVD1470D Datasheet HTML 5Page - Texas Instruments SN65HVD1470D Datasheet HTML 6Page - Texas Instruments SN65HVD1470D Datasheet HTML 7Page - Texas Instruments SN65HVD1470D Datasheet HTML 8Page - Texas Instruments SN65HVD1470D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
R
D
R
D
DE
RE
Y
Z
B
A
GND
VCC
R
D
R
D
Y
Z
B
A
VCC
GND
VCC
SN65HVD1470,
SN65HVD1473, and
SN65HVD1476
SN65HVD1471,
SN65HVD1474, and
SN65HVD1477
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN65HVD1470, SN65HVD1471, SN65HVD1473
SN65HVD1474, SN65HVD1476, SN65HVD1477
SLLSEJ8D – JUNE 2014 – REVISED OCTOBER 2014
SN65HVD147x 3.3-V Full-Duplex RS-485 Transceivers With ±16-kV IEC ESD
These devices each combine a differential driver and
1 Features
a differential receiver, which operate from a single
1
1/8 Unit-Load Options Available
3.3-V power supply. Each driver and receiver has
Up to 256 Nodes on the Bus
separate input and output pins for full-duplex bus
communication designs. These devices all feature a
Bus I/O Protection
wide common-mode voltage range which makes the
> ±30 kV HBM protection
devices suitable for multi-point applications over long
> ±16 kV IEC61000-4-2 Contact Discharge
cable runs.
> ±4 kV IEC61000-4-4 Fast Transient Burst
The
SN65HVD1471,
SN65HVD1474,
and
Extended Industrial Temperature Range:
SN65HVD1477 devices are fully enabled with no
external enabling pins.
–40°C to 125°C
Large Receiver Hysteresis (70 mV) for Noise
The
SN65HVD1470,
SN65HVD1473,
and
Rejection
SN65HVD1476
devices
have
active-high
driver
enables and active-low receiver enables. A low, less
Low Power Consumption
than 5-µA standby current can be achieved by
< 1.1 mA Quiescent Current During Operation
disabling both the driver and receiver.
Low Standby Supply Current: 10 nA Typical,
These devices are characterized from –40°C to
< 5 µA (maximum)
125°C.
Glitch-Free Power-Up and Power-Down Protection
for Hot-Plugging Applications
Device Information(1)
5-V Tolerant Logic Inputs Compatible With 3.3-V
PART NUMBER
PACKAGE
BODY SIZE (NOM)
or 5-V Controllers
SN65HVD1471
MSOP (8)
3.00 mm × 3.00 mm
SN65HVD1474
Signaling Rate Options Optimized for:
SOIC (8)
4.90 mm × 3.91 mm
SN65HVD1477
400 kbps (1470, 1471), 20 Mbps (1473, 1474), 50
SN65HVD1470
MSOP (10)
3.00 mm × 3.00 mm
Mbps (1476, 1477)
SN65HVD1473
SOIC (14)
8.65 mm × 3.91 mm
SN65HVD1476
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Industrial Automation
Encoders and Decoders
Block Diagram
Building Automation
Security and Surveillance Networks
Telecommunications
3 Description
The SN65HVD147x family of full-duplex transceivers
feature the highest ESD protection in the RS-485
portfolio, supporting ±16-kV IEC61000-4-2 contact
discharge and > ±30-kV HBM ESD protection. These
RS-485 transceivers have robust 3.3-V drivers and
receivers and are offered in a standard SOIC
package as well as in a small-footprint MSOP
package.
The
large
receiver
hysteresis
of
the
SN65HVD147x
devices
provides
immunity
to
conducted differential noise and the wide operating
temperature enables reliability in harsh operating
environments.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN65HVD1470D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI1-SN65HVD10 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD1470D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
logo
Texas Instruments
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com