Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1798 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1798
Description  24-BIT, 192-KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1798 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1798 Datasheet HTML 2Page - Texas Instruments PCM1798 Datasheet HTML 3Page - Texas Instruments PCM1798 Datasheet HTML 4Page - Texas Instruments PCM1798 Datasheet HTML 5Page - Texas Instruments PCM1798 Datasheet HTML 6Page - Texas Instruments PCM1798 Datasheet HTML 7Page - Texas Instruments PCM1798 Datasheet HTML 8Page - Texas Instruments PCM1798 Datasheet HTML 9Page - Texas Instruments PCM1798 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PCM1798
SLES102 – DECEMBER 2003
www.ti.com
6
Terminal Functions
TERMINAL
I/O
DESCRIPTIONS
NAME
PIN
I/O
DESCRIPTIONS
AGND1
19
Analog ground (internal bias)
AGND2
24
Analog ground (internal bias)
AGND3L
27
Analog ground (L-channel DACFF)
AGND3R
16
Analog ground (R-channel DACFF)
BCK
6
I
Bit clock input (1)
CHSL
2
I
L-, R-channel select (1)
DATA
5
I
Serial audio data input (1)
DEM
3
I
De-emphasis enable (1)
DGND
8
Digital ground
FMT0
11
I
Audio data format select (1)
FMT1
12
I
Audio data format select (1)
IOUTL+
25
O
L-channel analog current output +
IOUTL–
26
O
L-channel analog current output –
IOUTR+
17
O
R-channel analog current output +
IOUTR–
18
O
R-channel analog current output –
IREF
20
Output current reference bias pin
LRCK
4
I
Left and right clock (fS) input (1)
MONO
1
I
Monaural mode enable (1)
MUTE
10
I
Mute control (1)
RST
14
I
Reset(1)
SCK
7
I
System clock input(1)
VCC1
23
Analog power supply, 5 V
VCC2L
28
Analog power supply (L-channel DACFF), 5 V
VCC2R
15
Analog power supply (R-cahnnel DACFF), 5 V
VCOML
22
L-channel internal bias decoupling pin
VCOMR
21
R-channel internal bias decoupling pin
VDD
9
Digital power supply, 3.3 V
ZERO
13
O
Zero flag
(1) Schmitt-trigger input, 5-V tolerant


Similar Part No. - PCM1798

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1798 TI1-PCM1798 Datasheet
1Mb / 30P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1798DB TI1-PCM1798DB Datasheet
1Mb / 30P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1798DBG4 TI1-PCM1798DBG4 Datasheet
1Mb / 30P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1798DBR TI1-PCM1798DBR Datasheet
1Mb / 30P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1798 TI-PCM1798_15 Datasheet
1Mb / 30P
[Old version datasheet]   PCM1798 24-Bit, 192-kHz Sampling, Advanced Segment,Audio Stereo Digital-to-Analog Converter
More results

Similar Description - PCM1798

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
   24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1792A BURR-BROWN-PCM1792A Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com