Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD252D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD252D
Description  DeviceNet CAN Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD252D Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD252D Datasheet HTML 1Page - Texas Instruments SN65HVD252D Datasheet HTML 2Page - Texas Instruments SN65HVD252D Datasheet HTML 3Page - Texas Instruments SN65HVD252D Datasheet HTML 4Page - Texas Instruments SN65HVD252D Datasheet HTML 5Page - Texas Instruments SN65HVD252D Datasheet HTML 6Page - Texas Instruments SN65HVD252D Datasheet HTML 7Page - Texas Instruments SN65HVD252D Datasheet HTML 8Page - Texas Instruments SN65HVD252D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN65HVD252
CANH
CANL
V
REF
S
8
7
6
5
GND
V
CC
RXD
TXD
1
2
3
4
V
CC
/ 2
SN65HVD253
V
CC
CANH
CANL
AB
S
8
7
6
5
GND
RXD
TXD
1
2
3
4
SN65HVD252
SN65HVD253
www.ti.com
SLLSE37 – JUNE 2010
DeviceNet™ CAN Transceivers
Check for Samples: SN65HVD252, SN65HVD253
1
FEATURES
APPLICATIONS
DeviceNet Networks (Vendor ID # 806)
2
DeviceNet Compliant Supporting 64 DeviceNet
Nodes
Industrial Automation
HVAC Networks
Loopback Function (HVD253)
Security Systems
Bus-Fault Protection of –36 V to 40 V
Telecom Base Station Status and Control
Power-Up/Down Glitch-Free Bus I/O
CANopen Data Bus
3.3-V Compatible Receiver Output
SDS Data Bus
CAN Kingdom Data Bus
DESCRIPTION
The SN65HVD252 and SN65HVD253 CAN transceivers meet or exceed the specifications of DeviceNet and are
compatible to the ISO 11898-2:2003 standard for use in applications employing a controller area network (CAN).
This device provides differential transmit and receive capability at signaling rates up to 1 megabit per second
(Mbps).
Designed for operation in harsh industrial environments, these devices feature bus-pin voltage protection from
–36 V to 40 V, driver output current limiting, and overtemperature driver shutdown.
Pin 8 provides for two different modes of operation: normal and silent mode. The normal mode of operation is
selected by connecting S (pin 8) to ground. If a high logic level is applied to the S pin, the device enters a
listen-only silent mode during which the driver is inactive while the receiver remains fully functional.
The Vref pin 5 of the SN65HVD252 is a VCC/2 voltage reference for systems which use split termination.
The AB pin of the SN65HVD253 implements a listen-only loopback feature which allows the local node controller
to synchronize its baud rate with that of the CAN bus. In loopback mode, the driver differential outputs are placed
in high-impedance state while the receiver bus inputs remain active. For more information on the loopback mode,
see the Application Information section.
The SN65HVD252 and SN65HVD253 are characterized for operation from –40°C to 85°C.
SPACER
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DeviceNet is a trademark of Open DeviceNet Vendor Association .
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD252D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD252D TI1-SN65HVD252D Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
SN65HVD252DR TI1-SN65HVD252DR Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
More results

Similar Description - SN65HVD252D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD252 TI1-SN65HVD252 Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
[Old version datasheet]   Turbo CAN Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4Q1 TI-SN65HVD230QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233_08 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com