Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD102 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD102
Description  IO-Link PHY for Device Nodes
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD102 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD102 Datasheet HTML 3Page - Texas Instruments SN65HVD102 Datasheet HTML 4Page - Texas Instruments SN65HVD102 Datasheet HTML 5Page - Texas Instruments SN65HVD102 Datasheet HTML 6Page - Texas Instruments SN65HVD102 Datasheet HTML 7Page - Texas Instruments SN65HVD102 Datasheet HTML 8Page - Texas Instruments SN65HVD102 Datasheet HTML 9Page - Texas Instruments SN65HVD102 Datasheet HTML 10Page - Texas Instruments SN65HVD102 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SN65HVD101, SN65HVD102
www.ti.com
SLLSE84B – MAY 2011 – REVISED APRIL 2015
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Driver
tPLH, tPHL Driver propagation delay
1
2
µs
TX to CQ
tP(skew)
Driver propagation delay
0.2
µs
skew
Figure 1, Figure 2,
18 V < VL+ < 30 V
5
Driver enable delay (EN to
Figure 3,
tPZH, tPZL
µs
CQ)
9 V < VL+ < 18 V
8
RL= 2kΩ
CL = 5 nF
18 V < VL+ < 30 V
5
tPHZ, tPLZ Driver disable delay
µs
RSET = 0 Ω
VL+ < 18 V
8
tr, tf
Driver output rise, tall time
869
18 V < VL+
ns
|tr – tf|
Difference in rise and fall time
300
Receiver
tWU1
Wake-up recognition begin
45
60
75
tWU2
Wake-up recognition end
Figure 6
85
100
135
µs
tpWAKE
Wake-up output delay
155
tND
Noise suppression time(1)
250
ns
18 V < VL+
300
600
tPR
Receiver propagation delay
Figure 4
ns
VL+ < 18 V
800
Protection Thresholds
TSD
Shutdown temperature
160
175
190
TRE
Re-enable temperature(2)
110
125
140
Die temperature
°C
Thermal warning temperature
120
135
150
(TEMP_OK)
tpSC
Current limit indicator delay
85
175
µs
(1)
Noise suppression time is defined as the permissible duration of a receive signal above/below the detection threshold without detection
taking place.
(2)
TRE is always less than TWARN so TEMP_OK is de-asserted (high impedance) when the device is re-enabled.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN65HVD101 SN65HVD102


Similar Part No. - SN65HVD102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD102 TI-SN65HVD102 Datasheet
920Kb / 23P
[Old version datasheet]   Check for Samples: SN65HVD101, SN65HVD102
More results

Similar Description - SN65HVD102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD100 TI1-SN65HVD100 Datasheet
105Kb / 4P
[Old version datasheet]   IO-LINK PHY for Device Nodes
logo
Renesas Technology Corp
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
   IO-Link Device IC
Jan 25, 2023
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
   IO-Link Device Transceiver
2019
logo
Dialog Semiconductor
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
   IO-Link Device IC
logo
Maxim Integrated Produc...
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
   IO-Link Device Transceiver
Rev 0; 9/14
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 1; 2/12
logo
Texas Instruments
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com