Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65CML100 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65CML100
Description  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65CML100 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65CML100_13 Datasheet HTML 4Page - Texas Instruments SN65CML100_13 Datasheet HTML 5Page - Texas Instruments SN65CML100_13 Datasheet HTML 6Page - Texas Instruments SN65CML100_13 Datasheet HTML 7Page - Texas Instruments SN65CML100_13 Datasheet HTML 8Page - Texas Instruments SN65CML100_13 Datasheet HTML 9Page - Texas Instruments SN65CML100_13 Datasheet HTML 10Page - Texas Instruments SN65CML100_13 Datasheet HTML 11Page - Texas Instruments SN65CML100_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
5
10
15
20
25
30
100
200
300
400
500
600
700
800
0
f − Frequency − MHz
VCC = 3.3 V,
TA = 25°C,
VIC = 1.2 V,
RT = 50 Ω,
VTT = 2.5 V,
Input = Clock
VID = 0.5 V
VID = 0.8 V
VID = 0.3 V
−40
−20
0
20
40
60
80
100
tPLH
tPHL
TA− Free-Air Temperature − °C
VCC = 3.3 V,
VIC = 1.2 V,
VID = 200 mV,
RT = 50 Ω,
VTT = 1.7 V,
f = 25 MHz
500
525
550
575
600
625
650
200
400
600
800
1000 1200 1400 1600
Data Rate − Mbps
VCC = 3.3 V,
TA = 25°C,
VIC = 1.2 V,
RT = 50 Ω,
VTT = 2.5 V
Input = 223−1 PRBS
0
5
10
15
20
25
30
35
VID = 0.3 V
VID = 0.5 V
VID = 0.8 V
0
0.5
1
1.5
2
2.5
3
3.5
4
VID = 0.5 V
0
10
20
30
40
50
60
VID = 0.3 V
VCC = 3.3 V,
TA = 25°C,
RT = 50 Ω,
VTT = 2.5 V
Input = 223−1 PRBS
VIC − Common Mode Input Voltage − V
VID = 0.8 V
200
400
600
800
1000 1200 1400 1600
Data Rate − Mbps
VCC = 3.3 V, TA = 25°C,
VIC = 1.2 V, |VID| = 200 mV,
Input = 223−1 PRBS, RT = 50 Ω
5
10
15
20
25
30
VTT = 1.7 V
VTT = 2.5 V
VTT = 3.3 V
0
0.5
1
1.5
2
2.5
3
3.5
4
VIC − Common Mode Input Voltage − V
VID = 0.3 V
VID = 0.5 V
0
5
10
15
20
25
30
VID = 0.8 V
VCC = 3.3 V,
TA = 25°C,
RT = 50 Ω,
VTT = 2.5 V
Input = Clock
200
400
600
800
1000 1200 1400 1600
Data Rate − Mbps
VCC = 3.3 V, TA = 25°C,
VIC = 1.2 V,
VID = 200 mV,
Input = 223−1 PRBS,
RT = 25 Ω
VTT = 1.7 V
VTT = 2.5 V
VTT = 3.3 V
5
10
15
20
25
1.5 Gbps
223-1 PRBS
750 MHz
VCC = 3.3 V, TA = 25°C, VID = 200 mV, VIC = 1.2 V, VTT = 3.3 V, RT = 25 Ω
Horizontal Scale = 200 ps/div
Vertical Scale = 250 mV/div
SN65CML100
SLLS547 – NOVEMBER 2002
TYPICAL CHARACTERISTICS (continued)
PROPAGATION DELAY TIME
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
vs
vs
vs
FREE-AIR TEMPERATURE
FREQUENCY
DATA RATE
Figure 11.
Figure 12.
Figure 13.
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
PEAK-TO-PEAK JITTER
vs
vs
vs
COMMON MODE INPUT VOLTAGE
COMMON MODE INPUT VOLTAGE
DATA RATE
Figure 14.
Figure 15.
Figure 16.
PEAK-TO-PEAK JITTER
vs
DATA RATE
Figure 17.
Figure 18.
8
Submit Documentation Feedback


Similar Part No. - SN65CML100_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100D TI-SN65CML100D Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
SN65CML100DGK TI-SN65CML100DGK Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
More results

Similar Description - SN65CML100_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100 TI-SN65CML100 Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
logo
Micrel Semiconductor
SY89325V MICREL-SY89325V Datasheet
514Kb / 7P
   3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
   1:2 CML / LVPECL Input to CML Output Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com