Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX191BEWG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX191BEWG
Description  Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX191BEWG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX191BEWG Datasheet HTML 1Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 2Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 3Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 4Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 5Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 6Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 7Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 8Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX191 is a monolithic, CMOS, 12-bit analog-to-
digital converter (ADC) featuring differential inputs,
track/hold (T/H), internal voltage reference, internal or
external clock, and parallel or serial µP interface. The
MAX191 has a 7.5µs conversion time, a 2µs acquisition
time, and a guaranteed 100ksps sample rate.
The MAX191 operates from a single +5V supply or from
dual ±5V supplies, allowing ground-referenced bipolar
input signals. The device features a logic power-down
input, which reduces the 3mA VDD supply current to
50µA max, including the internal-reference current.
Decoupling capacitors are the only external compo-
nents needed for the power supply and reference. This
ADC operates with either an external reference, or an
internal reference that features an adjustment input for
trimming system gain errors.
The MAX191 provides three interface modes: two 8-bit
parallel modes, and a serial interface mode that is com-
patible with SPITM, QSPITM, and MICROWIRETM serial-
interface standards.
________________________Applications
Battery-Powered Data Logging
PC Pen Digitizers
High-Accuracy Process Control
Electromechanical Systems
Data-Acquisition Boards for PCs
Automatic Testing Systems
Telecommunications
Digital Signal Processing (DSP)
____________________________Features
o 12-Bit Resolution, 1/2LSB Linearity
o +5V or ±5V Operation
o Built-In Track/Hold
o Internal Reference with Adjustment Capability
o Low Power: 3mA Operating Mode
20µA Power-Down Mode
o 100ksps Tested Sampling Rate
o Serial and 8-Bit Parallel µP Interface
o 24-Pin Narrow DIP and Wide SO Packages
Low-Power, 12-Bit Sampling ADC
with Internal Reference and Power-Down
________________________________________________________________
Maxim Integrated Products
1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
VDD
CLK/SCLK
PAR
HBEN
AIN-
AIN+
VSS
PD
TOP VIEW
CS
RD
D7/DOUT
D6/SCLKOUT
BIP
AGND
REFADJ
VREF
16
15
14
13
9
10
11
12
D5/SSTRB
D4
D3/D11
D2/D10
DGND
D1/D9
D0/D8
BUSY
DIP/SO
MAX191
Pin Configuration
2.46V
REF
IN REF OUT
12-BIT
SAR ADC
OSC
CONTROL
LOGIC
3-STATE
OUTPUT
8-BIT
BUS
AND
SERIAL
I/O
18
17
16
15
14
13
11
10
20
19
9
21
D7/DOUT
D6/SCLKOUT
D5/SSTRB
D4
D3/D11
D2/D10
D1/D9
D0/D8
CS
RD
BUSY
HBEN
REFADJ
VREF
AIN +
AIN -
5
6
3
4
24
23
VDD
CLK/SCLK
712
PD
1 22
8
AGND
DGND
2
PAR
BIP
MAX191
12
VSS
Functional Diagram
19-4506; Rev 4; 2/97
PART
TEMP. RANGE
PIN-PACKAGE
MAX191ACNG
0°C to +70°C
24 Narrow Plastic DIP
24 Wide SO
±1/2
±1
±1/2
ERROR
(LSB)
24 Narrow Plastic DIP
MAX191BCNG
MAX191ACWG
0°C to +70°C
0°C to +70°C
MAX191BCWG
0°C to +70°C 24 Wide SO
±1
MAX191BC/D
Dice*
±1
0°C to +70°C
MAX191AENG
-40°C to +85°C 24 Narrow Plastic DIP ±1/2
MAX191BENG
-40°C to +85°C 24 Narrow Plastic DIP ±1
MAX191AEWG
-40°C to +85°C 24 Wide SO
±1/2
MAX191AMRG
24 Narrow CERDIP** ±1/2
MAX191BMRG
24 Narrow CERDIP** ±1
-55°C to +125°C
-55°C to +125°C
MAX191BEWG
-40°C to +85°C 24 Wide SO
±1
SPI and QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
* Dice are specified at TA = +25°C, DC parameters only.
** Contact factory for availability and processing to MIL-STD-883.
Ordering Information


Similar Part No. - MAX191BEWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX191BEWG MAXIM-MAX191BEWG Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
More results

Similar Description - MAX191BEWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
   12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
logo
Texas Instruments
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com