Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOV-10D201K Datasheet(PDF) 2 Page - Texas Instruments

Part # MOV-10D201K
Description  3.3-V Supply RS-485 With IEC ESD Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MOV-10D201K Datasheet(HTML) 2 Page - Texas Instruments

  MOV-10D201K Datasheet HTML 1Page - Texas Instruments MOV-10D201K Datasheet HTML 2Page - Texas Instruments MOV-10D201K Datasheet HTML 3Page - Texas Instruments MOV-10D201K Datasheet HTML 4Page - Texas Instruments MOV-10D201K Datasheet HTML 5Page - Texas Instruments MOV-10D201K Datasheet HTML 6Page - Texas Instruments MOV-10D201K Datasheet HTML 7Page - Texas Instruments MOV-10D201K Datasheet HTML 8Page - Texas Instruments MOV-10D201K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
SN55HVD75-EP
SLOS913 – OCTOBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 12
1
Features .................................................................. 1
8.3
Feature Description................................................. 12
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 12
3
Description ............................................................. 1
9
Application and Implementation ........................ 14
4
Revision History..................................................... 2
9.1
Application Information............................................ 14
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application .................................................. 15
6
Specifications......................................................... 3
10
Power Supply Recommendations ..................... 22
6.1
Absolute Maximum Ratings ...................................... 3
11
Layout................................................................... 22
6.2
ESD Ratings.............................................................. 3
11.1
Layout Guidelines ................................................. 22
6.3
Recommended Operating Conditions ....................... 4
11.2
Layout Example .................................................... 23
6.4
Thermal Information .................................................. 4
12
Device and Documentation Support ................. 24
6.5
Electrical Characteristics........................................... 5
12.1
Device Support...................................................... 24
6.6
Switching Characteristics: 20 Mbps Device, Bit Time
≥50 ns ........................................................................ 6
12.2
Community Resources.......................................... 24
6.7
Typical Characteristics .............................................. 7
12.3
Trademarks ........................................................... 24
12.4
Electrostatic Discharge Caution ............................ 24
7
Parameter Measurement Information .................. 8
12.5
Glossary ................................................................ 24
8
Detailed Description ............................................ 12
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 12
Information ........................................................... 24
4 Revision History
DATE
REVISION
NOTES
October 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: SN55HVD75-EP


Similar Part No. - MOV-10D201K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MOV-10D201K BOURNS-MOV-10D201K Datasheet
1Mb / 2P
   RS-485 Port Protection
MOV-10D201K BOURNS-MOV-10D201K Datasheet
366Kb / 4P
   MOV-10DxxxK Series - Metal Oxide Varistor
logo
Texas Instruments
MOV-10D201K TI1-MOV-10D201K Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Bourns Electronic Solut...
MOV-10D201K BOURNS-MOV-10D201K Datasheet
454Kb / 2P
   RS-485 Port Protection Evaluation Board 2
MOV-10D201K BOURNS-MOV-10D201K Datasheet
793Kb / 7P
   P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
More results

Similar Description - MOV-10D201K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD75DGKR TI-SN65HVD75DGKR Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
[Old version datasheet]   THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com