Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW060310RJNEAHP Datasheet(PDF) 7 Page - Texas Instruments

Part # CRCW060310RJNEAHP
Description  3.3-V Supply RS-485 With IEC ESD Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CRCW060310RJNEAHP Datasheet(HTML) 7 Page - Texas Instruments

Back Button CRCW060310RJNEAHP Datasheet HTML 3Page - Texas Instruments CRCW060310RJNEAHP Datasheet HTML 4Page - Texas Instruments CRCW060310RJNEAHP Datasheet HTML 5Page - Texas Instruments CRCW060310RJNEAHP Datasheet HTML 6Page - Texas Instruments CRCW060310RJNEAHP Datasheet HTML 7Page - Texas Instruments CRCW060310RJNEAHP Datasheet HTML 8Page - Texas Instruments CRCW060310RJNEAHP Datasheet HTML 9Page - Texas Instruments CRCW060310RJNEAHP Datasheet HTML 10Page - Texas Instruments CRCW060310RJNEAHP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
Differential Input Voltage (VID) mV
VIT- (-7V)
VIT-(0V)
VIT-(12V)
VIT+(-7V)
VIT+(0V)
VIT+(12V)
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
3.5
V
Supply Voltage - V
CC
T
= 25°C
R = 54
D = V
DE = V
A
L
CC
CC
W
2
4
6
8
10
12
14
16
0
Signaling Rate - Mbps
18
20
10
20
30
40
50
60
70
R = 54
L
W
0
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
I
- Driver Output Current - mA
O
V
= 3.3 V,
DE = V
,
D = 0 V
CC
CC
VOH
VOL
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
I
- Driver Output Current - mA
O
100 W
60 W
V
= 3.3 V,
DE = V
,
D = 0 V
CC
CC
SN55HVD75-EP
www.ti.com
SLOS913 – OCTOBER 2015
6.7 Typical Characteristics
Figure 1. Driver Output Voltage vs Driver Output Current
Figure 2. Driver Differential Output Voltage vs Driver Output
Current
Figure 4. Supply Current vs Signal Rate
Figure 3. Driver Output Current vs Supply Voltage
Figure 5. Receiver Output vs Input
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN55HVD75-EP


Similar Part No. - CRCW060310RJNEAHP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
CRCW060310R0FKEA MICREL-CRCW060310R0FKEA Datasheet
1Mb / 19P
   4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
logo
NXP Semiconductors
CRCW060310R0FKEA NXP-CRCW060310R0FKEA Datasheet
673Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 5/2010
logo
ON Semiconductor
CRCW060310R0FKEA ONSEMI-CRCW060310R0FKEA Datasheet
1Mb / 17P
   NCV97311A Evaluation Board Users Manual
April, 2019 ??Rev. 0
logo
NXP Semiconductors
CRCW060310R0FKEA NXP-CRCW060310R0FKEA Datasheet
199Kb / 13P
   Airfast RF Power GaN Transistor
Rev. 3 - July 2022
CRCW060310R0FKEA NXP-CRCW060310R0FKEA Datasheet
209Kb / 13P
   Airfast RF Power GaN Transistor
Rev. 4 - November 2022
More results

Similar Description - CRCW060310RJNEAHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD75DGKR TI-SN65HVD75DGKR Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72_13 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
SN65HVD1470 TI1-SN65HVD1470 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
THVD2410 TI1-THVD2410 Datasheet
1Mb / 30P
[Old version datasheet]   THVD24x0 짹70-V Fault-Protected 3.3-V to 5-V RS-485 Transceivers With IEC ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com