Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXXA50N60B3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXXA50N60B3
Description  XPTTM 600V IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXA50N60B3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXXA50N60B3 Datasheet HTML 1Page - IXYS Corporation IXXA50N60B3 Datasheet HTML 2Page - IXYS Corporation IXXA50N60B3 Datasheet HTML 3Page - IXYS Corporation IXXA50N60B3 Datasheet HTML 4Page - IXYS Corporation IXXA50N60B3 Datasheet HTML 5Page - IXYS Corporation IXXA50N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXXA50N60B3 IXXP50N60B3
IXXH50N60B3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 36A, VCE = 10V, Note 1
12
19
S
C
ies
2230
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
195
pF
C
res
44
pF
Q
g(on)
70
nC
Q
ge
I
C = 36A, VGE = 15V, VCE = 0.5 • VCES
16
nC
Q
gc
29
nC
t
d(on)
27
ns
t
ri
40
ns
E
on
0.67
mJ
t
d(off)
100
150
ns
t
fi
135
ns
E
off
0.74
1.20
mJ
t
d(on)
30
ns
t
ri
45
ns
E
on
1.40
mJ
t
d(off)
130
ns
t
fi
190
ns
E
off
1.20
mJ
R
thJC
0.25 °C/W
R
thCS
TO-247
0.21
°C/W
TO-220
0.50
°C/W
Inductive load, T
J = 25°C
I
C = 36A, VGE = 15V
V
CE = 360V, RG = 5
Note 2
Inductive load, T
J = 150°C
I
C = 36A, VGE = 15V
V
CE = 360V, RG = 5
Note 2
1 - Gate
2,4 - Collector
3 - Emitter
TO-220 Outline
TO-247 Outline
Pins: 1 - Gate
2 - Collector
3 - Emitter
TO-263 Outline
1 = Gate
2,4 = Collector
3 = Emitter


Similar Part No. - IXXA50N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXA50N60B3 IXYS-IXXA50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
More results

Similar Description - IXXA50N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXA50N60B3 IXYS-IXXA50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXYK140N90C3 IXYS-IXYK140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
IXYX140N90C3 IXYS-IXYX140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
IXYX120N120C3 IXYS-IXYX120N120C3 Datasheet
211Kb / 6P
   1200V XPTTM IGBTs
IXYK120N120C3 IXYS-IXYK120N120C3 Datasheet
214Kb / 6P
   1200V XPTTM IGBTs GenX3TM
IXYK100N120C3 IXYS-IXYK100N120C3 Datasheet
208Kb / 6P
   1200V XPTTM IGBTs GenX3
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
   XPTTM 600V IGBT
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
   XPTTM 600V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
   XPTTM 600V IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com