Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX191AMRG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX191AMRG
Description  Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX191AMRG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX191AMRG Datasheet HTML 1Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 2Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 3Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 4Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 5Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 6Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 7Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 8Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Low-Power, 12-Bit Sampling ADC
with Internal Reference and Power-Down
_______________________________________________________________________________________
5
PARAMETER
SCLK to SCLKOUT Delay
CONDITIONS
160
UNITS
ns
CS to DOUT Three-State
100
ns
SYMBOL
CS or RD Setup Time
CS or RD Hold Time
ns
150
ns
t20
t19
t17
t16
TIMING CHARACTERISTICS (Figures 6–10) (continued)
(VDD =5V ±5%, VSS = 0V or -5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Note 14)
10
MAX191C/E
MIN
TYP MAX
180
110
10
150
MAX191M
MIN
TYP MAX
200
120
10
150
310
350
SCLK to SSTRB Delay
260
ns
t23
260
280
SCLK to DOUT Delay
240
ns
t22
130
SCLKOUT to DOUT Delay
100
ns
t21
150
Note 1:
Performance at power-supply tolerance limits guaranteed by power-supply rejection test.
Note 2:
VDD = 5V, VSS = 0V, FS = VREF.
Note 3:
FS = VREF, offset nulled, ideal last-code transition = FS - 3/2 LSB.
Note 4:
Gain-Error Tempco =
∆GE is the gain-error change from TA = +25°C to TMIN or TMAX.
Note 5:
Conversion time defined as the number of clock cycles times the clock period; clock has a 50% duty cycle.
Note 6:
Guaranteed by design, not production tested.
Note 7:
AIN+, AIN- must not exceed supplies for specified accuracy.
Note 8:
VREF TC =
∆T, where ∆VREF is reference-voltage change from TA = +25°C to TMIN or TMAX.
Note 9:
Output current should not change during conversion. This current is in addition to the current required by the internal DAC.
Note 10: REFADJ adjustment range is defined as the allowed voltage excursion on REFADJ relative to its unadjusted value of 2.4V.
This will typically result in a 1.7 times larger change in the REF output (Figure 19a).
Note 11: This current is included in the PD supply current specification.
Note 12: Floating the PD pin guarantees external compensation mode.
Note 13: VREF = 4.096V, external reference.
Note 14: All input control signals are specified with tr = tf = 5ns (10% to 90% of 5V) and timed from a voltage level of 1.6V.
Note 15: t3 and t6 are measured with the load circuits of Figure 1 and defined as the time required for an output to cross 0.8V or 2.4V.
Note 16: t7 is defined as the time required for the data lines to change 0.5V when loaded with the circuits of Figure 2.
TA = +25°C
MIN
TYP MAX


Similar Part No. - MAX191AMRG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX191AMRG MAXIM-MAX191AMRG Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
More results

Similar Description - MAX191AMRG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
   12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
logo
Texas Instruments
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com