Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX191BENG Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX191BENG
Description  Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX191BENG Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX191BENG Datasheet HTML 7Page - Maxim Integrated Products MAX191BENG Datasheet HTML 8Page - Maxim Integrated Products MAX191BENG Datasheet HTML 9Page - Maxim Integrated Products MAX191BENG Datasheet HTML 10Page - Maxim Integrated Products MAX191BENG Datasheet HTML 11Page - Maxim Integrated Products MAX191BENG Datasheet HTML 12Page - Maxim Integrated Products MAX191BENG Datasheet HTML 13Page - Maxim Integrated Products MAX191BENG Datasheet HTML 14Page - Maxim Integrated Products MAX191BENG Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Low-Power, 12-Bit Sampling ADC
with Internal Reference and Power-Down
______________________________________________________________________________________
11
DATA
HOLD*
TRACK
NEW DATA
D11–D8
*INTERNAL SIGNAL. TRACKING INPUT SIGNAL WHEN HOLD = Low, HOLDING WHEN HOLD = High.
t8
tCONV
BUSY
RD
CS
HBEN
t1
t2
t3
t12
NEW DATA
D7–D0
OLD DATA
D7–D0
t6
t7
t3
t7
t10
t11
t10
t12
t4
t1
t5
t5
t9
t8
t9
Figure 7. Slow-Memory Mode Timing
HBEN
CS
RD
BUSY
DATA
HOLD*
TRACK
t12
t3
t7
t12
t3
t7
t3
t7
t11
t10
t2
t2
tCONV
t5
t4
t1
t5
t4
t1
t5
t4
t1
t8
t9
t8
t9
t8
t9
OLD DATA
D7–D0
NEW DATA
D11–D8
NEW DATA
D7–D0
*INTERNAL SIGNAL. TRACKING INPUT SIGNAL WHEN HOLD = Low, HOLDING WHEN HOLD = High.
Figure 8. ROM Mode Timing


Similar Part No. - MAX191BENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX191BENG MAXIM-MAX191BENG Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
More results

Similar Description - MAX191BENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
   12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
logo
Texas Instruments
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com