Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA168-20AI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATMEGA168-20AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA168-20AI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATMEGA168-20AI Datasheet HTML 3Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 4Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 5Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 6Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 7Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 8Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 9Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 10Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 349 page
background image
7
ATmega48/88/168
2545D–AVR–07/04
AVR CPU Core
Introduction
This section discusses the AVR core architecture in general. The main function of the
CPU core is to ensure correct program execution. The CPU must therefore be able to
access memories, perform calculations, control peripherals, and handle interrupts.
Architectural Overview
Figure 3. Block Diagram of the AVR Architecture
In order to maximize performance and parallelism, the AVR uses a Harvard architecture
– with separate memories and buses for program and data. Instructions in the program
memory are executed with a single level pipelining. While one instruction is being exe-
cuted, the next instruction is pre-fetched from the program memory. This concept
enables instructions to be executed in every clock cycle. The program memory is In-
System Reprogrammable Flash memory.
The fast-access Register File contains 32 x 8-bit general purpose working registers with
a single clock cycle access time. This allows single-cycle Arithmetic Logic Unit (ALU)
operation. In a typical ALU operation, two operands are output from the Register File,
Flash
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registrers
ALU
Status
and Control
I/O Lines
EEPROM
Data Bus 8-bit
Data
SRAM
Interrupt
Unit
SPI
Unit
Watchdog
Timer
Analog
Comparator
I/O Module 2
I/O Module1
I/O Module n


Similar Part No. - ATMEGA168-20AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA168-20AI ATMEL-ATMEGA168-20AI Datasheet
402Kb / 33P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA168-20AI ATMEL-ATMEGA168-20AI Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA168-20AI ATMEL-ATMEGA168-20AI Datasheet
4Mb / 376P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA168-20AI ATMEL-ATMEGA168-20AI Datasheet
4Mb / 378P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA168-20AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com