Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7256AE Datasheet(PDF) 10 Page - Altera Corporation

Part # EPM7256AE
Description  Programmable Logic Device
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7256AE Datasheet(HTML) 10 Page - Altera Corporation

Back Button EPM7256AE Datasheet HTML 6Page - Altera Corporation EPM7256AE Datasheet HTML 7Page - Altera Corporation EPM7256AE Datasheet HTML 8Page - Altera Corporation EPM7256AE Datasheet HTML 9Page - Altera Corporation EPM7256AE Datasheet HTML 10Page - Altera Corporation EPM7256AE Datasheet HTML 11Page - Altera Corporation EPM7256AE Datasheet HTML 12Page - Altera Corporation EPM7256AE Datasheet HTML 13Page - Altera Corporation EPM7256AE Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
Altera Corporation
MAX 7000A Programmable Logic Device Data Sheet
Expander Product Terms
Although most logic functions can be implemented with the five product
terms available in each macrocell, more complex logic functions require
additional product terms. Another macrocell can be used to supply the
required logic resources. However, the MAX 7000A architecture also
offers both shareable and parallel expander product terms that provide
additional product terms directly to any macrocell in the same LAB. These
expanders help ensure that logic is synthesized with the fewest possible
logic resources to obtain the fastest possible speed.
Shareable Expanders
Each LAB has 16 shareable expanders that can be viewed as a pool of
uncommitted single product terms (one from each macrocell) with
inverted outputs that feed back into the logic array. Each shareable
expander can be used and shared by any or all macrocells in the LAB to
build complex logic functions. A small delay (tSEXP) is incurred when
shareable expanders are used. Figure 3 shows how shareable expanders
can feed multiple macrocells.
Figure 3. MAX 7000A Shareable Expanders
Shareable expanders can be shared by any or all macrocells in an LAB.
Macrocell
Product-Term
Logic
Product-Term Select Matrix
Macrocell
Product-Term
Logic
36 Signals
from PIA
16 Shared
Expanders


Similar Part No. - EPM7256AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7256AE ALTERA-EPM7256AE Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
1,007Kb / 64P
   High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX
More results

Similar Description - EPM7256AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
   Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
   Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
   Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AEQI208-7N ALTERA-EPM7256AEQI208-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com