Electronic Components Datasheet Search |
|
LM2903AVQPWRG4 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
LM2903AVQPWRG4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 25 page LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V www.ti.com SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015 6.5 Electrical Characteristics for LMx93 at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM293 LM193 LM393 PARAMETER TEST CONDITIONS TA (1) UNIT MIN TYP MAX MIN TYP MAX VCC = 5 V to 30 V, 25°C 2 5 2 5 VIO Input offset voltage VIC = VICR min, mV Full range 9 9 VO = 1.4 V 25°C 3 25 5 50 IIO Input offset current VO = 1.4 V nA Full range 100 250 25°C –25 –100 –25 –250 IIB Input bias current VO = 1.4 V nA Full range –300 –400 0 to 0 to 25°C VCC – 1.5 VCC – 1.5 Common-mode input-voltage VICR V range(2) 0 to 0 to Full range VCC – 2 VCC – 2 VCC = 15 V, Large-signal differential-voltage AVD VO = 1.4 V to 11.4 V, 25°C 50 200 50 200 V/mV amplification RL ≥ 15 kΩ to VCC VOH = 5 V VID = 1 V 25°C 0.1 0.1 50 nA IOH High-level output current VOH = 30 V VID = 1 V Full range 1 1 μA 25°C 150 400 150 400 VOL Low-level output voltage IOL = 4 mA, VID = –1 V mV Full range 700 700 IOL Low-level output current VOL = 1.5 V, VID = –1 V 25°C 6 6 mA VCC = 5 V 25°C 0.8 1 0.8 1 ICC Supply current RL = ∞ mA VCC = 30 V Full range 2.5 2.5 (1) Full range (minimum or maximum) for LM193 is –55°C to 125°C, for LM293 is 25°C to 85°C, and for LM393 is 0°C to 70°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. (2) The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common- mode voltage range is VCC+ – 1.5 V for the inverting input (–), and the non-inverting input (+) can exceed the VCC level; the comparator provides a proper output state. Either or both inputs can go to 30 V without damage. Copyright © 1979–2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V |
Similar Part No. - LM2903AVQPWRG4 |
|
Similar Description - LM2903AVQPWRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |