Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP1201 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # AMP1201
Description  12W Medical Grade Wallmount Switching Power Adapters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AMP1201 Datasheet(HTML) 2 Page - Astrodyne Corporation

  AMP1201 Datasheet HTML 1Page - Astrodyne Corporation AMP1201 Datasheet HTML 2Page - Astrodyne Corporation AMP1201 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12W Medical Grade Wallmount Switching Power Adapters
AMP1201 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
INPUT SPECIFICATIONS
Input Voltage Range
80-275 VAC (100-240V Nominal)
Frequency Range
47-63 Hz
Input Current
Low Line (100VAC)
0.29A max.
High Line (240VAC)
0.16A max.
Inrush Current, typ (Cold Start) Low Line (100VAC)
50A max.
High Line (230VAC)
100A max.
Leakage Current
<100 uA
Protection Class
Double Insulated, Class II
No Load Power Consumption
0.3W
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Output Power Range
0 to FL Rating
Line Regulation (FL) (Note 1)
± 1%, max.
Over Voltage Protection
112-132%
Over Load Protection
110-150% Auto-Recovery
Transient Response
110Vin, FL
4mS
Temperature Coefficient
±0.04%/°C, typ
Ripple/Noise (Note 3)
FL, 90Vin
1% Pk-Pk max.
Short Circuit Protection
Continuous, self-recovering *
Start Up / Hold Up Time
100Vin, FL
2S max. / 16mS min.
GENERAL SPECIFICATIONS
Input-Out Isolation
4000 VAC
Efficiency(FL, Nom. Vin)
See Selection Chart
Safety
ANSI/AAMI ES 60601-1:2005
(UL/cUL/EN/IEC 3rd Edition)
PHYSICAL SPECIFICATIONS
Size
2.56” x 2.17” x 1.40”
(65x55x35.6mm)
Construction
Wallmount Style
Weight
5.64oz (160g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10 to +50°C (FL) *
50% Load @ 70°C
(See Derate Curve Next Page)
Cooling
Free Air Convection
Flammability Rating
UL94V-1
Storage Temperature
-40 to +85°C (10-95% RH) *
Operating/Storage Humidity
0% to 95%, non-cond *
EMC
Compliance to EN55011 (CISPR11),
EN61000-3-2,-3 Class B
MTBF (MIL-HDBK-217F, 25 °C) 100,000 Hrs min.
Efficiency Level
V
Surge Voltage
2kV min.
ESD
Air:
IEC61000-4-2, 8kV min.
Contact:
IEC61000-4-2, 6kV min.
Operating Altitude
3000M max.
Vibration
10 ~ 500Hz, 10min./1cycle, 60min.
each along X, Y, Z axes, 5G min
NOTES
1. Line Regulation defined as changing the input voltage ±10% from
nominal line at rated load.
2. Total Regulation is defined by as changing the load ±40% from 60%
rated load.
3. Ripple & Noise is measured by using a 20MHz bandwidth limited
oscilloscope and terminating the output with a 0.47uF capacitor at
rated load and nominal line.


Similar Part No. - AMP1201

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AMP1009 NAIS-AMP1009 Datasheet
575Kb / 2P
   MOTION-DETECTING SENSOR
logo
Astrodyne Corporation
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-02 ASTRODYNE-AMP1011-02 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-03 ASTRODYNE-AMP1011-03 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-04 ASTRODYNE-AMP1011-04 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - AMP1201

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU12A ASTRODYNE-MPU12A Datasheet
481Kb / 3P
   12W Medical Grade Wallmount Switching Power Adapters
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1601 ASTRODYNE-AMP1601 Datasheet
601Kb / 5P
   15W 3rd Edition Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com